Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6713 Datasheet(PDF) 18 Page - MOSA ELECTRONICS

Part # MS6713
Description  3 Stereo Inputs and 4-Channel Outputs Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6713 Datasheet(HTML) 18 Page - MOSA ELECTRONICS

Back Button MS6713 Datasheet HTML 10Page - MOSA ELECTRONICS MS6713 Datasheet HTML 11Page - MOSA ELECTRONICS MS6713 Datasheet HTML 12Page - MOSA ELECTRONICS MS6713 Datasheet HTML 13Page - MOSA ELECTRONICS MS6713 Datasheet HTML 14Page - MOSA ELECTRONICS MS6713 Datasheet HTML 15Page - MOSA ELECTRONICS MS6713 Datasheet HTML 16Page - MOSA ELECTRONICS MS6713 Datasheet HTML 17Page - MOSA ELECTRONICS MS6713 Datasheet HTML 18Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
MOSA
MS6713
3 Stereo Inputs / 4-Channel Outputs Audio Processor
REV 3
18/18
www.mosanalog.com
Circuit
Y1
12M
RST
1
P3.0
2
P3.1
3
XTAL2
4
XTAL1
5
P3.2
6
P3.3
7
P3.4
8
P3.5
9
GND
10
Vcc
20
P1.7
19
P1.6
18
P1.5
17
P1.4
16
P1.3
15
P1.2
14
P1.1
13
P1.0
12
P3.7
11
U1
AT89C2051
1
2
J1
DVCC
R3
10K
S1
RST
IR_IN
+ C2
10u
C4
20P
C5
20P
DVCC
VS
3
IR
1
GND
2
J2
IR
R2
10K
+ C3
470p
+
C1
47u
IR_IN
R1
220
SDA
SCL
REF
1
VDD
2
AGND
3
TREB_L
4
TREB_R
5
RIN
6
ROUT
7
LOUD_R
8
RIN3
9
RIN2
10
RIN1
11
LOUD_L
12
LIN3
13
LIN2
14
LIN1
15
LIN
16
LOUT
17
BIN_L
18
BOUT_L
19
BIN_R
20
BOUT_R
21
RROUT
22
LROUT
23
RFOUT
24
LFOUT
25
DGND
26
SDA
27
SCL
28
U2
MS6713
J3
AVDD
C9
10u
C11
10u
C13
10u
C14
10u
C16
10u
C21
10u
+
C23
22u
C15
2.2u
C6
10u
C7
10u
C10
10u
C12
10u
C22
2.2u
R10
5.6K
R11
5.6K
+
C20
0.1u
+
C19
0.1u
+
C18
0.1u
+
C17
0.1u
+
C27
0.1u
+
C26
0.1u
+
C25
2.7n
+
C24
2.7n
+ C8
0.1u
SDA
SCL
AVDD
W1
Jumper
J7
FRONT_OUT
J8
REAR_OUT
J4
IN3
J5
IN2
J6
IN1
J9
INPUT
J10
OUT
D1
IN1
D2
IN2
D3
IN3
R12
1K
R13
1K
R14
1K
1
2
3
J11
LCD
RX
TX
RX
TX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com