Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6715 Datasheet(PDF) 9 Page - MOSA ELECTRONICS

Part # MS6715
Description  1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6715 Datasheet(HTML) 9 Page - MOSA ELECTRONICS

Back Button MS6715_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 9Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 10Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 11Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 12Page - MOSA ELECTRONICS MS6715_1 Datasheet HTML 13Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MOSA
MS6715
1 Stereo Input / 1 Stereo Output Audio Processor
REV 3
9/16
www.mosanalog.com
Volume
MSB
LSB
Function
0
0
B2
B1
B0
A2
A1
A0
Volume 1.25 dB steps
0
0
0
0
0
0
1
-1.25
0
1
0
-2.5
0
1
1
-3.75
1
0
0
-5
1
0
1
-6.25
1
1
0
-7.5
1
1
1
-8.75
0
0
B2
B1
B0
A2
A1
A0
Volume 10dB steps
0
0
0
0
0
0
1
-10
0
1
0
-20
0
1
1
-30
1
0
0
-40
1
0
1
-50
1
1
0
-60
1
1
1
-70
The default volume is –78.75dB.
Speaker Attenuator
MSB
LSB
Function(
(
(
(dB)
)
)
)
1
0
0
B1
B0
A2
A1
A0
Speaker ATT L
1
0
1
B1
B0
A2
A1
A0
Speaker ATT R
0
0
0
0
0
0
1
-1.25
0
1
0
-2.5
0
1
1
-3.75
1
0
0
-5
1
0
1
-6.25
1
1
0
-7.5
1
1
1
-8.75
0
0
0
0
1
-10
1
0
-20
1
1
-30
1
1
1
1
1
Mute
The default state is mute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com