Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6853 Datasheet(PDF) 12 Page - MOSA ELECTRONICS

Part # MS6853
Description  Mono 1.9W / Stereo 300mW Power Amplifier Low Voltage Operation, Shutdown Function
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6853 Datasheet(HTML) 12 Page - MOSA ELECTRONICS

Back Button MS6853 Datasheet HTML 6Page - MOSA ELECTRONICS MS6853 Datasheet HTML 7Page - MOSA ELECTRONICS MS6853 Datasheet HTML 8Page - MOSA ELECTRONICS MS6853 Datasheet HTML 9Page - MOSA ELECTRONICS MS6853 Datasheet HTML 10Page - MOSA ELECTRONICS MS6853 Datasheet HTML 11Page - MOSA ELECTRONICS MS6853 Datasheet HTML 12Page - MOSA ELECTRONICS MS6853 Datasheet HTML 13Page - MOSA ELECTRONICS MS6853 Datasheet HTML 14Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MOSA
MS6853
Mono 1.9W / Stereo 300mW Power Amplifier
REV 6
12/14
www.mosanalog.com
TAPE AND REEL
(Unit : mm)
MSOP10
3.0
3.6
12.0
6.9
8.0
5.5
1.75
5.4
2.0
4.0
1.5+0.1/-0.0 DIA
0.5 Radius Typical
1.5 MIN
0.30
0.3R MAX
1.7
2.0
0.05
0.05
0.05
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com