Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6891GTR Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6891GTR
Description  Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6891GTR Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6891GTR Datasheet HTML 1Page - MOSA ELECTRONICS MS6891GTR Datasheet HTML 2Page - MOSA ELECTRONICS MS6891GTR Datasheet HTML 3Page - MOSA ELECTRONICS MS6891GTR Datasheet HTML 4Page - MOSA ELECTRONICS MS6891GTR Datasheet HTML 5Page - MOSA ELECTRONICS MS6891GTR Datasheet HTML 6Page - MOSA ELECTRONICS MS6891GTR Datasheet HTML 7Page - MOSA ELECTRONICS MS6891GTR Datasheet HTML 8Page - MOSA ELECTRONICS MS6891GTR Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MOSA
MS6891
Mono 1.1W Power Amplifier with Shutdown
REV 1
3/10
www.mosanalog.com
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.5
5
6.5
V
6V ELECTRICAL CHARACTERISTICS
Ta = 25°C, VDD=6V, f=1kHz, BW<30kHz, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent current
VIN=0V, IO=0A
-
3
-
mA
ISHDN
Shutdown current
VSHDN = 6V
-
0.1
-
uA
VSDH
Shutdown input voltage high
2.0
-
-
V
VSDL
Shutdown input voltage low
-
-
0.8
V
PSRR
Power supply rejection ratio
RL=8Ω, CBP=1uF, f=217Hz
-
55
-
dB
-
-54
-50
dB
THD+N
Total harmonic distortion plus
noise
RL=8Ω, 1.5W
-
0.2
0.316
%
S/N
Signal-to-noise ratio
RL=8Ω, 1.5W
95
108
-
dB
Po
Output power
RL=8Ω, THD+N = 1%
-
1.5
-
W
5V ELECTRICAL CHARACTERISTICS
Ta = 25°C, VDD=5V, f=1kHz, BW<30kHz, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent current
VIN=0V, IO=0A
-
2.6
-
mA
ISHDN
Shutdown current
VSHDN=5V
-
0.1
-
uA
PSRR
Power supply rejection ratio
RL=8Ω, CBP=1uF, f=217Hz
-
60
-
dB
-
-54
-50
dB
THD+N
Total harmonic distortion plus
noise
RL=8Ω, 1.1W
-
0.2
0.316
%
S/N
Signal-to-noise ratio
RL=8Ω, 1.1W
90
103
-
dB
Po
Output power
RL=8Ω, THD+N = 1%
-
1.1
-
W
3.3V ELECTRICAL CHARACTERISTICS
Ta = 25°C, VDD=3.3V, f=1kHz, BW<30kHz, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IQ
Quiescent current
VIN=0V, IO=0A
-
2.3
-
mA
ISD
Shutdown current
VSHDN=3.3V
-
0.1
-
uA
PSRR
Power supply rejection ratio
RL=8Ω, CBP=1uF, f=217Hz
-
60
-
dB
-
-55
-50
dB
THD+N
Total harmonic distortion plus
noise
RL=8, 0.4W
0.17
0.316
%
S/N
Signal-to-noise ratio
RL=8Ω, 0.4W
90
100
-
dB
Po
Output power
RL=8Ω, THD+N = 1%
-
0.4
-
W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com