Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6865SSGU Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6865SSGU
Description  Dual 2W Power Amplifier 3 Stereo Inputs with Volume Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6865SSGU Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6865SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 11Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 14Page - MOSA ELECTRONICS MS6865SSGU Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MOSA
MS6865
3 Stereo inputs / 2W PA output with Volume Control
REV 2
11/22
www.mosanalog.com
Input Selector and Input Gain
MSB
LSB
Function
1
0
0
L-ch, Input Gain and line Selection
1
0
1
G2
G1
G0
S1
S0
R-ch, Input Gain and line Selection
0
0
Line 1 (L-ch or R-ch)
0
1
Line 2 (L-ch or R-ch)
1
0
Line 3 (L-ch or R-ch)
0
0
0
0 dB
0
0
1
3 dB
0
1
0
6 dB
0
1
1
9 dB
1
0
0
12 dB
1
0
1
15 dB
1
1
0
18 dB
1
1
1
21 dB
Initial state: L-ch1, R-ch1, Input gain is 0dB.
Power Down Mode
MSB
LSB
Function
1
1
0
1
RPD
LPD PDPR
CAP
PD
Power mode selection and power management
0
R-ch PA output is active mode
1
R-ch PA output is power down mode
0
L-ch PA output is active mode
1
L-ch PA output is power down mode
0
Disable preparation for power off
1
Enable preparation for power off
0
Set the voltage of CAP to middle of supply voltage
1
Pull down CAP pin to ground
Initial state: All are the power down modes.
Enable the power down preparation before the chip will be shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com