Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6894 Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6894
Description  Mono 1.1W, Fully Differential Input Excellent PSRR, Low Voltage Operation Selectable Shutdown Logic Level
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6894 Datasheet(HTML) 8 Page - MOSA ELECTRONICS

  MS6894 Datasheet HTML 1Page - MOSA ELECTRONICS MS6894 Datasheet HTML 2Page - MOSA ELECTRONICS MS6894 Datasheet HTML 3Page - MOSA ELECTRONICS MS6894 Datasheet HTML 4Page - MOSA ELECTRONICS MS6894 Datasheet HTML 5Page - MOSA ELECTRONICS MS6894 Datasheet HTML 6Page - MOSA ELECTRONICS MS6894 Datasheet HTML 7Page - MOSA ELECTRONICS MS6894 Datasheet HTML 8Page - MOSA ELECTRONICS MS6894 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MOSA
MS6894
Mono 1.1W Fully Differential Power Amplifier with Shutdown Selection
REV 1
8/9
www.mosanalog.com
DEMO BOARD
2
1
4
3
5
Function description
Label 1: Supply Voltage
Supply voltage range is 2.5V to 6.5V, the left of jump is positive and the right of jump is negative.
Label 2: Shutdown mode selection (SD Mode)
The shutdown mode is low logic level shutdown mode when the jump is placed left position (SD), the SD Mode is
connected to GND.
On the other hand , the chip is high logic level shutdown mode when the jump is placed right
position (SD), the SD Mode is connected to VDD.
Label 3: Shutdown pin (SD pin)
The shutdown may be enabled by either logic high or logic low that depending on shutdown mode selection. The SD
Mode is placed left position (SD), the chip entries shutdown when SD pin is placed left position (L), the SD Mode is
connected to GND.
On the other hand, the SD Mode is placed right position (SD), the chip entries shutdown when
SD pin is placed right position (H), the SD Mode is connected to VDD.
Label 4: Signal Input
Connected to audio signals.
Label 5: Speaker Output
Connected to speaker with 8ohm or 4 ohm.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com