Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6901 Datasheet(PDF) 2 Page - MOSA ELECTRONICS

Part # MS6901
Description  Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6901 Datasheet(HTML) 2 Page - MOSA ELECTRONICS

  MS6901 Datasheet HTML 1Page - MOSA ELECTRONICS MS6901 Datasheet HTML 2Page - MOSA ELECTRONICS MS6901 Datasheet HTML 3Page - MOSA ELECTRONICS MS6901 Datasheet HTML 4Page - MOSA ELECTRONICS MS6901 Datasheet HTML 5Page - MOSA ELECTRONICS MS6901 Datasheet HTML 6Page - MOSA ELECTRONICS MS6901 Datasheet HTML 7Page - MOSA ELECTRONICS MS6901 Datasheet HTML 8Page - MOSA ELECTRONICS MS6901 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MOSA
MS6901
Mono 1.1W Power Amplifier with Shutdown Selection
REV 1
2/9
www.mosanalog.com
PIN CONFIGURATION
Symbol
Pin
Description
SD
1
Shutdown places the entire device in shutdown mode depending on SD Mode selection.
TTL compatible input.
SD Mode = 0, the device entries shutdown when SD is logic low.
SD Mode = 1, the device entries shutdown when SD is logic high.
BP
2
Bypass is the cap to the voltage divider for internal mid-supply bias.
This terminal should be connected to a 0.1-μF to 10-μF capacitor CBP.
SD Mode
3
The shutdown mode controls the shutdown logic level of the SD pin1.
TTL compatible input
+IN
4
Non-inverting input
-IN
5
Inverting input
Vo1
6
BTL negative output
GND
7
Ground
VDD
8
Supply voltage
GND
9
Ground
Vo2
10
BTL positive output
MSOP10
Vo2
6
7
8
9
10
2
3
4
1
SD
BP
SD Mode
+IN
5
-IN
GND
V
DD
GND
Vo1
Thermal
Pad
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
10-Pin MSOP (lead free)
MS6901MGTR
6901G
3.5k Units Tape and Reel
10-Pin MSOP (lead free)
MS6901MGU
6901G
80 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6.5
V
VESD
Electrostatic handling
3500
V
TSTG
Storage temperature range
-65 to 150
℃
TA
Operating ambient temperature range
-40 to 85
℃
TJ
Maximum junction temperature
150
℃
TS
Soldering temperature, 10 seconds
260
℃
RTHJA
Thermal resistance from junction to ambient in free air
MSOP10 (enhance thermal pad)
50
℃
/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com