Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC923 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC923
Description  High Speed Photocoupler for MOS-FET / IGBT Drive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923 Datasheet(HTML) 4 Page - Sharp Corporation

  PC923 Datasheet HTML 1Page - Sharp Corporation PC923 Datasheet HTML 2Page - Sharp Corporation PC923 Datasheet HTML 3Page - Sharp Corporation PC923 Datasheet HTML 4Page - Sharp Corporation PC923 Datasheet HTML 5Page - Sharp Corporation PC923 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PC923
10
20
60
50
40
30
0
125
100
75
50
25
0
-25
80
Fig.10 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
0
600
0
25
50
75
100
125
500
400
300
100
200
80
Fig.11 Power Dissipation vs.
Ambient Temperature
Ambient temperature T a (˚C)
0.7
0.8
0.9
1.2
18
21
30
15
24
1.1
1.0
27
Supply voltage V CC (V)
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
Forward voltage V F (V)
Forward Voltage
Fig.12 Forward Current vs.
0.6
0.8
1.6
0
25
50
100
-25
75
1.4
1.2
1.0
Ambient temperature T a (˚C)
0.005
0.01
0.1
1.0
0.02
0.05
0.2
0.5
0.01
0.02
0.05
Fig.15 O1 Low Level Output Voltage vs.
O1 Output Current
-40
PO
P tot
at V CC= 24V
IFLH =1
T a= 25˚C
Fig.14 “ Low
→High” Relative Threshold
Input Current vs. Ambient Temperature
Fig.13 “ Low
→High” Relative Threshold
Input Current vs. Supply Voltage
VCC = 24V
IFLH =1
at Ta= 25˚C
V CC1 = 12V
V CC2 = - 12V
IF = 5mA
T a= 25˚C
0.4
0.1
0.2
O1 output current I O1 (A)
50˚C
25˚C
70˚C
T a= 0˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com