Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC924 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC924
Description  OPIC Photocoupler for IGBT Drive of Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC924 Datasheet(HTML) 4 Page - Sharp Corporation

  PC924 Datasheet HTML 1Page - Sharp Corporation PC924 Datasheet HTML 2Page - Sharp Corporation PC924 Datasheet HTML 3Page - Sharp Corporation PC924 Datasheet HTML 4Page - Sharp Corporation PC924 Datasheet HTML 5Page - Sharp Corporation PC924 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PC924
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
0
10
20
30
40
50
25
80
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
125
0
100
200
300
400
500
600
80
Forward voltage VF (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
5
10
20
50
100
200
500
1
50˚C
25˚C
0˚C
Supply voltage V CC (V)
15
18
21
24
27
30
0.7
0.8
0.9
1.0
1.1
1.2
= 24V
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.05
0.1
0.2
0.5
0.005
0.01
0.02
0.05
0.1
0.2
1
0.4
Fig.13 Relative Threshold Input Current vs.
Supply Voltage
Fig.14 Relative Threshold Input Current vs.
Ambient Temperature
Fig.10 Forward Current vs. Ambient
Temperature
Fig.11 Power Dissipation vs. Ambient
Temperature
Fig.12 Forward Current vs. Forward
Voltage
O1 output current I O1 (A)
Fig.15 O1 Low Level Output Voltage vs.
O 1 Output Current
= 12V
= - 12V
= 25˚C
= 10mA
- 20˚C
I FLH = 1 at T a = 25˚C
Ta = 75˚C
VCC = 24V
V CC1
V CC2
T a
I F
Ta = 25˚C
= 1 at VCC
I FLH
P tot
P O



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com