Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1230AB Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1230AB
Description  256k Nonvolatile SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1230AB Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1230AB Datasheet HTML 2Page - Dallas Semiconductor DS1230AB Datasheet HTML 3Page - Dallas Semiconductor DS1230AB Datasheet HTML 4Page - Dallas Semiconductor DS1230AB Datasheet HTML 5Page - Dallas Semiconductor DS1230AB Datasheet HTML 6Page - Dallas Semiconductor DS1230AB Datasheet HTML 7Page - Dallas Semiconductor DS1230AB Datasheet HTML 8Page - Dallas Semiconductor DS1230AB Datasheet HTML 9Page - Dallas Semiconductor DS1230AB Datasheet HTML 10Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DS1230Y/AB
9 of 10
ORDERING INFORMATION
PART
TEMP RANGE
SUPPLY
TOLERANCE
PIN-PACKAGE
SPEED GRADE
(ns)
DS1230AB-70+
0°C to +70°C
5V
± 5%
28 740 EDIP
70
DS1230ABP-70+
0°C to +70°C
5V
± 5%
34 PowerCap*
70
DS1230AB-70IND+
-40°C to +85°C
5V
± 5%
28 740 EDIP
70
DS1230ABP-70IND+
-40°C to +85°C
5V
± 5%
34 PowerCap*
70
DS1230Y-70+
0°C to +70°C
5V
± 10%
28 740 EDIP
70
DS1230YP-70+
0°C to +70°C
5V
± 10%
34 PowerCap*
70
DS1230Y-70IND+
-40°C to +85°C
5V
± 10%
28 740 EDIP
70
DS1230YP-70IND+
-40°C to +85°C
5V
± 10%
34 PowerCap*
70
+Denotes a lead(Pb)-free/RoHS-compliant package.
*DS9034PC+ or DS9034PCI+ (PowerCap) required. Must be ordered separately.
PACKAGE INFORMATION
For the latest package outline information and land patterns, go to www.maxim-ic.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix
character, but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
28 EDIP
MDT28+3
—
21-0245
34 PCAP
PC2+4
—
21-0246



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com