Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1338 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1338
Description  I2C RTC with 56-Byte NV RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1338 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1338_11 Datasheet HTML 1Page - Maxim Integrated Products DS1338_11 Datasheet HTML 2Page - Maxim Integrated Products DS1338_11 Datasheet HTML 3Page - Maxim Integrated Products DS1338_11 Datasheet HTML 4Page - Maxim Integrated Products DS1338_11 Datasheet HTML 5Page - Maxim Integrated Products DS1338_11 Datasheet HTML 6Page - Maxim Integrated Products DS1338_11 Datasheet HTML 7Page - Maxim Integrated Products DS1338_11 Datasheet HTML 8Page - Maxim Integrated Products DS1338_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS1338 I
2C RTC with 56-Byte NV RAM
2 of 16
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground………………………………………………………..……..-0.3V to +6.0V
Operating Temperature Range…………………………………………………………………………..……-40°C to +85°C
Storage Temperature Range………………………………………………………………………………...-55°C to +125°C
Lead Temperature (soldering, 10s) ……….……………………………………………………………………….
+260°C
Soldering Temperature (reflow) …………………………………………………………………………………….
+260°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C, unless
otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
DS1338-18
1.71
1.8
5.5
V
DS1338-3
2.7
3.0
5.5
DS1338-33
3.0
3.3
5.5
Logic 1
VIH
(Note 2)
0.7 x
VCC
VCC +
0.3
V
Logic 0
VIL
(Note 2)
-0.3
+0.3 x
VCC
V
Power-Fail Voltage
VPF
DS1338-18
1.51
1.62
1.71
V
DS1338-3
2.45
2.59
2.70
DS1338-33
2.70
2.82
2.97
VBAT Input Voltage
VBAT
(Note 2)
1.3
3.0
3.7
V
DC ELECTRICAL CHARACTERISTICS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = TYP,
TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
ILI
(Note 3)
1
µA
I/O Leakage
ILO
(Note 4)
1
µA
SDA Logic 0 Output
IOLSDA
VCC > 2V; VOL = 0.4V
3.0
mA
VCC < 2V; VOL = 0.2 x VCC
3.0
SQW/OUT Logic 0 Output
IOLSQW
VCC > 2V; VOL = 0.4V
3.0
mA
1.71V < VCC < 2V;
VOL = 0.2 x VCC
3.0
1.3V < VCC < 1.71V;
VOL = 0.2 x VCC
250
µA
Active Supply Current
(Note 5)
ICCA
DS1338-18:
VCC = 1.89V
75
150
µA
DS1338-3:
VCC = 3.30V
110
200
DS1338-33
VCC = 3.63V
120
200
VCC = 5.5V
325
Standby Current (Note 6)
ICCS
DS1338-18:
VCC = 1.89V
60
100
µA
DS1338-3:
VCC = 3.30V
80
125
DS1338-33
VCC = 3.63V
85
125
VCC = 5.5V
200
VBAT Leakage Current
(VCC Active)
IBATLKG
25
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com