Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2252T Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS2252T
Description  Soft Microcontroller Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2252T Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS2252T Datasheet HTML 8Page - Dallas Semiconductor DS2252T Datasheet HTML 9Page - Dallas Semiconductor DS2252T Datasheet HTML 10Page - Dallas Semiconductor DS2252T Datasheet HTML 11Page - Dallas Semiconductor DS2252T Datasheet HTML 12Page - Dallas Semiconductor DS2252T Datasheet HTML 13Page - Dallas Semiconductor DS2252T Datasheet HTML 14Page - Dallas Semiconductor DS2252T Datasheet HTML 15Page - Dallas Semiconductor DS2252T Datasheet HTML 16Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DS2252T
13 of 16
AC CHARACTERISTICS—POWER CYCLE TIMING
(VCC = 5V ±10%, TA = 0°C to +70°C.)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
32 Slew Rate from VCCMIN to 3.3V
tF
130
µs
33 Crystal Startup Time
tCSU
(Note 8)
34 Power-On Reset Delay
tPOR
21,504
tCLK
POWER CYCLE TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com