Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9034PC Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS9034PC
Description  PowerCap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PC Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS9034PC Datasheet HTML 1Page - Dallas Semiconductor DS9034PC Datasheet HTML 2Page - Dallas Semiconductor DS9034PC Datasheet HTML 3Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
100102
FEATURES
§ Provides 10 years of battery backup power for
Nonvolatile (NV) SRAMs in the PowerCap
Module (PCM) package
§ Snaps directly onto a surface-mounted
PowerCap module base to form a complete
NV SRAM module
§ Attaches after module base has been surface-
mounted to protect lithium battery from the
high temperatures of reflow soldering
§ Maintains mechanical and electrical
connection with module base even during
severe shock and vibration stresses
§ Detachment feature allows easy removal
using a regular screwdriver
§ Periodic replacement allows NV SRAM
module life to be extended indefinitely
§ Optional industrial temperature range of
-40°C to +85°C, designated PCI
§ Compatible with these PowerCap module
bases:
§ DS1230YP/ABP/WP
§ DS1245YP/ABP/WP
§ DS1250YP/ABP/WP
§ DS1330YP/ABP/WP
§ DS1345YP/ABP/WP
§ DS1350YP/ABP/WP
PACKAGE OUTLINE
PIN DESCRIPTION
VBAT
- +3V Battery Output
GND
- Ground
ABSOLUTE MAXIMUM RATINGS
Operating Temperature:
0°C to +70°C,
-40°C to +85°C for PCI parts
Storage Temperature:
-40°C to +70°C,
-40°C to +85°C for PCI parts
BATTERY CHARACTERISTICS
Nominal Voltage
3V
Nominal Capacity
130mAh
Chemistry
Li(CF)X
Data Retention Life
10 Years (25°C)
DESCRIPTION
The DS9034PC PowerCap is a snap-on lithium power source for NV SRAMs in Dallas Semiconductor’s
directly surface-mountable PowerCap module base package. After a PowerCap module has been soldered
in place and cleaned, the DS9034PC PowerCap is snapped onto the base to form a complete NV SRAM
module. The PowerCap is keyed to prevent incorrect attachment and is designed to maintain mechanical
and electrical contact with its host module base even during severe mechanical shock and vibration. The
DS9034PC is easily removed by inserting a regular screwdriver into the detachment feature and prying
gently outward and upward to release the PowerCap from the module base.
DS9034PC/PCI
PowerCap
www.maxim-ic.com
GND
VBAT
TOP VIEW
SIDE VIEW


Similar Part No. - DS9034PC

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9034PC DALLAS-DS9034PC Datasheet
213Kb / 12P
256k Nonvolatile SRAM
DS9034PC DALLAS-DS9034PC Datasheet
114Kb / 3P
PowerCap
logo
Maxim Integrated Produc...
DS9034PC MAXIM-DS9034PC Datasheet
119Kb / 3P
PowerCap
100102
logo
Dallas Semiconductor
DS9034PCI DALLAS-DS9034PCI Datasheet
114Kb / 3P
PowerCap
DS9034PCX DALLAS-DS9034PCX Datasheet
263Kb / 20P
RAMified Watchdog Timekeeper
More results

Similar Description - DS9034PC

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9034PC DALLAS-DS9034PC Datasheet
114Kb / 3P
PowerCap
DS9034PCX DALLAS-DS9034PCX Datasheet
39Kb / 2P
PowerCap with Crystal
logo
Maxim Integrated Produc...
DS9034I-PCX MAXIM-DS9034I-PCX Datasheet
114Kb / 5P
PowerCap with Crystal
Rev 10/10
DS9034PCX MAXIM-DS9034PCX Datasheet
116Kb / 4P
PowerCap with Crystal
19-5584; Rev 10/10
DS9034PC MAXIM-DS9034PC Datasheet
119Kb / 3P
PowerCap
100102
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com