Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD481 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PD481
Description  High Speed, High Sensitivity Photodiode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PD481 Datasheet(HTML) 2 Page - Sharp Corporation

  PD481 Datasheet HTML 1Page - Sharp Corporation PD481 Datasheet HTML 2Page - Sharp Corporation PD481 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PD49PI/PD481PI
0
-25
50
100
150
200
0
25
50
75
100
-25
0
25
50
75
100
0.05 0.1 0.2
0.5
1
2
5
10
20
50
0
10
20
30
40
50
60
- 25
0
25
50
75
100
0
20
40
60
80
100
120
140
160
85
f = 1MHz
A
5
2
5
2
5
2
5
2
600
100
90
80
70
60
50
40
30
20
10
0
PD49Pl
PD481Pl
Fig. 2 Spectral Sensitivity
700
800
900
Wavelength
λ ( nm )
T a = 25˚C
Fig .1 Power Dissipation vs.
Ambient Temperature
Fig. 3 Dark Current vs.
Ambient temperature Ta (˚C)
10-6
10-7
10-8
10-9
10 -10
10 -11
10 -12
VR = 10V
10-7
10-8
10-9
10 -10
10 -11
Reverse voltage VR
5
52
5
2
25
25
Ta= 25˚C
Reverse voltage VR
( Test circuit )
PD481Pl
Ambient temperature Ta (˚C)
Ambient Temperature
Fig. 4 Dark Current vs. Reverse Voltage
Ambient temperature T a ( ˚C)
Fig. 6 Relative Output vs. Ambient Temperature
Fig. 5 Terminal Capacitance vs.
Reverse Voltage
10-2
10-1
(V)
(V)
PD49Pl
GL537
GL538
Distance between infrared light emitting
diode and photodiode shall be fixed I sc
= 100
µ A at I
F = 20mA and T a = 25˚C
Ta = 25˚C
1000
1100
1200
10
1
(Emitter : GL537/GL538,Detector : PD49PI/PD481PI )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com