Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX668 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX668
Description  1.8V to 28V Input, PWM Step-Up Controllers in μMAX
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX668 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX668_02 Datasheet HTML 1Page - Maxim Integrated Products MAX668_02 Datasheet HTML 2Page - Maxim Integrated Products MAX668_02 Datasheet HTML 3Page - Maxim Integrated Products MAX668_02 Datasheet HTML 4Page - Maxim Integrated Products MAX668_02 Datasheet HTML 5Page - Maxim Integrated Products MAX668_02 Datasheet HTML 6Page - Maxim Integrated Products MAX668_02 Datasheet HTML 7Page - Maxim Integrated Products MAX668_02 Datasheet HTML 8Page - Maxim Integrated Products MAX668_02 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1.8V to 28V Input, PWM Step-Up
Controllers in µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = LDO = 5V, ROSC = 200kΩ, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
VCC to GND ..........................................................-0.3V to +30V
PGND to GND....................................................................±0.3V
SYNC/SHDN to GND .............................................-0.3V to +30V
EXT, REF to GND.....................................-0.3V to (VLDO + 0.3V)
LDO, FREQ, FB, CS+ to GND ................................ -0.3V to +6V
LDO Output Current...........................................-1mA to +20mA
REF Output Current..............................................-1mA to +1mA
LDO Short Circuit to GND .........................................Momentary
REF Short Circuit to GND ..........................................Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering,10sec) ..............................+300°C
85
100
115
425
500
575
225
250
275
ROSC = 200kΩ ±1%
Oscillator Frequency
Oscillator
1.0
1.1
1.2
Rising edge, 1% hysteresis
REF Undervoltage Lockout Threshold
-2
-10
REF load = 0 to 50µA
REF Load Regulation
1.225
1.250
1.275
No load, CREF = 0.22µF
REF Output Voltage
2.40
2.50
2.60
Sensed at LDO, falling edge,
hysteresis = 1%, MAX668 only
Undervoltage Lockout Threshold
2.65
5.50
3V
≤ VCC ≤ 28V
(includes LDO dropout)
4.50
5.00
5.50
LDO Output Voltage
Reference and LDO Regulators
328
MAX668
PWM Controller
Input Voltage Range, VCC
3.5
6
SYNC/SHDN = GND, VCC = 28V
Shutdown Supply Current (VCC)
220
350
VFB = 1.30V, VCC = 3V to 28V
VCC Supply Current (Note 1)
0.2
1
CS+ forced to GND
CS+ Input Current
515
25
Idle Mode Current-Sense Threshold
2.7
5.5
Input Voltage Range with VCC Tied to LDO
1.225
1.250
1.275
FB Threshold
1
20
VFB = 1.30V
FB Input Current
85
100
115
Current-Limit Threshold
MIN
TYP
MAX
CONDITIONS
PARAMETER
kHz
V
mV
V
V
V
µA
µA
µA
mV
mV
nA
V
V
V
UNITS
MAX669
1.8
28.0
LDO load =
∞ to 400Ω
5V
≤ VCC ≤ 28V
(includes LDO dropout)
ROSC = 500kΩ ±1%
ROSC = 100kΩ ±1%
0.013
Typically 0.013% per mV on CS+;
VCS+ range is 0 to 100mV for 0 to full
load current.
FB Threshold Load Regulation
%/mV
0.012
Typically 0.012% per % duty factor on
EXT; EXT duty factor for a step-up is:
100% (1 – VIN/VOUT)
FB Threshold Line Regulation
%/%
REFERENCE AND LDO REGULATORS
OSCILLATOR
PWM CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com