Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX997ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX997ESA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX997ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX997ESA Datasheet HTML 1Page - Maxim Integrated Products MAX997ESA Datasheet HTML 2Page - Maxim Integrated Products MAX997ESA Datasheet HTML 3Page - Maxim Integrated Products MAX997ESA Datasheet HTML 4Page - Maxim Integrated Products MAX997ESA Datasheet HTML 5Page - Maxim Integrated Products MAX997ESA Datasheet HTML 6Page - Maxim Integrated Products MAX997ESA Datasheet HTML 7Page - Maxim Integrated Products MAX997ESA Datasheet HTML 8Page - Maxim Integrated Products MAX997ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, VCM = 0V, COUT = 5pF, VSHDN = 0V, VLE = 0V, unless otherwise noted. TMIN to TMAX is -40°C to +85°C for all
E grade devices. For MAX999AAUK only, TMIN to TMAX is -40°C to +125°C.) (Note 1)
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC to GND................................... -0.3V to +6V
All Other Pins..............................................-0.3V to (VCC + 0.3V)
Current into Input Pins ......................................................±20mA
Duration of Output Short Circuit to GND or VCC .......Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C).......571mW/°C
8-Pin SO (derate 5.88mW/°C above +70°C)...........471mW/°C
8-Pin µMAX (derate 4.10mW/°C above +70°C) ......330mW/°C
14-Pin SO (derate 8.33mW/°C above +70°C).........667mW/°C
16-Pin SO (derate 8.70mW/°C above +70°C).........696mW/°C
16-Pin QSOP (derate 8.33mW/°C above +70°C)....667mW/°C
Operating Temperature Range
MAX96_E/MAX99_E.........................................-40°C to +85°C
MAX999AAUK ...............................................-40°C to +125°C
Storage Temperature Range ............................ -65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
TA = +25°C
TMIN to TMAX
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
Inferred by PSRR
2.7
5.5
2.7
5.5
V
Input Common-Mode
Voltage Range
VCMR
(Note 2)
-0.1
VCC +
0.1
-0.1
VCC +
0.1
V
µMAX, SOT23
±2.0
±3.5
±6.5
MAX999AAUK
±2.0
±3.5
±8.0
Input-Referred Trip Points
VTRIP
VCM = -0.1V
or 5.1V, VCC
= 5V
(Note 3)
All other E
packages
±2.0
±3.5
±4.0
mV
Input-Referred Hysteresis
3.5
mV
µMAX, SOT23
±0.5
±1.5
±4.5
MAX999AAUK
±0.5
±1.5
±6.0
Input Offset Voltage
VOS
VCM = -0.1V
or 5.1V, VCC
= 5V
(Note 4)
All other E
packages
±0.5
±1.5
±2.0
mV
µMAX, SOT23
±15
±30
Input Bias Current
IB
VIN+ = VIN-
= 0V or VCC,
VCC = 5V
All other E
packages
±15
±15
µA
Differential Input Clamp
Voltage
VCC = 5.5V, VIN- = 0V,
IIN+ = 100µA
2.1
V
Input Capacitance
3
pF
Differential Input
Impedance
RIND
VCC = 5V
8
k
Ω
Common-Mode Input
RINCM
VCC = 5V
130
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com