Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ05RF13 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ05RF13
Description  1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RF13 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ05RF13 Datasheet HTML 1Page - Sharp Corporation PQ05RF13 Datasheet HTML 2Page - Sharp Corporation PQ05RF13 Datasheet HTML 3Page - Sharp Corporation PQ05RF13 Datasheet HTML 4Page - Sharp Corporation PQ05RF13 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ05RF12/PQ05RF13 Series
Parameter
Symbol
Conditions
VO
RegL
RegI
TCVO
RR
Vi-O
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Unit
MAX.
TYP.
MIN.
PQ05RF12
PQ09RF12
PQ12RF12
PQ05RF13
PQ09RF13
PQ12RF13
PQ05RF12/13
PQ09RF12/13
PQ12RF12/13
5.04
8.84
11.69
5.17
9.07
12.0
-
-
-
45
-
2.0
-
-
-
-
-
IO=5mA to 1.0A
VIN=7 to 17V
VIN=11 to 21V
VIN=14 to 24V
Tj=0 to 125˚C
Refer to Fig. 2
*3
*4
VC=2.7V
-
VC=0.4V
VC=0A
5.3
9.3
12.3
5.3
9.3
12.3
0.1
0.5
±0.02
55
-
-
-
-
-
-
5.56
9.76
12.91
5.43
9.53
12.6
2.0
2.5
-
-
0.5
-
20
0.8
-0.4
10
V
%
%
%/˚C
dB
V
V
µA
V
mA
mA
s Electrical Characteristics
*3 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
*4 In case of opening control terminal 4, output voltage turns on.
VIN= 8V, IO=0.5A(PQ05RF12/PQ05RF13)
VIN=12V, IO=0.5A(PQ09RF12/PQ09RF13)
VIN=15V, IO=0.5A(PQ12RF12/PQ12RF13)
(Ta=25˚C)
Unless otherwise specified,
condition shall be
Fig.3 Power Dissipation vs. Ambient
Temperature
Fig.4 Overcurrent Protection
Characteristics (Typical Value)
q
3
q
2
q
1
q
4
A
V
A
A
VIN
Iq
IC
IO
VO
VC
RL
0.33
µF
47
µF
+
q
3
q
2
q
1
q
4
V
ei
VIN
eo
RL
IO
0.33
µF
47
µF +
+
~
~
f=120Hz (sine wave)
RR=20 log (ei/eo)
IO=0.5A
ei=0.5Vrms
0
0.5
1.0
1.5
2.0
100
80
40
60
20
0
Output current IO (A)
0
-20
0
PD1
PD2
PD1 :No heat sink
PD2 :With infinite heat sink
50
100
150
5
10
15
20
Ambient temperature Ta (˚C)
Fig.1 Test Circuit
Fig.2 Test Circuit of Ripple Rejection
Note) Oblique line portion:Overheat protection may operate in
this area.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com