Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBY276 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # PBY276
Description  Silicon-Power-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PBY276 Datasheet(HTML) 1 Page - Diotec Semiconductor

  PBY276 Datasheet HTML 1Page - Diotec Semiconductor PBY276 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N1199A ... 1N1206A, 1N3671, 1N3673, PBY271 ... PB277
1N1199A ... 1N1206A, 1N3671, 1N3673,
PBY271 ... PB277
Silicon-Power-Rectifiers
Silizium-Leistungs-Gleichrichter
Version 2007-05-09
Dimensions - Maße [mm]
Nominal Current
Nennstrom
12 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50 ... 1000 V
Metal case
Metallgehäuse
DO-4
Weight approx. – Gewicht ca.
5.5 g
Standard polarity: Cathode to stud / Kathode am Gewinde
Index R: Anode to stud / Anode am Gewinde (e. g. 1N1199AR)
Standard packaging: bulk
Standard Lieferform: lose im Karton
Maximum ratings
Grenzwerte
Type
Typ
Repetive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
1N1199A = PBY271
50
60
1N1200A = PBY272
100
120
1N1202A = PBY273
200
240
1N1204A = PBY274
400
480
1N1206A = PBY275
600
720
1N3671 = PBY276
800
1000
1N3673 = PBY277
1000
1200
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 85°C
IFAV
12 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
40 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
200/240 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
240 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-65...+175°C
-65...+175°C
1
Max. case temperature TC = 85°C – Max. Gehäusetemperatur TC = 85°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
M5
7
Ø2
Type
SW11


Similar Part No. - PBY276

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PBY276 DIOTEC-PBY276 Datasheet
154Kb / 2P
Silicon-Power Rectifiers
More results

Similar Description - PBY276

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
Silicon-Power Rectifiers
1N1199A DIOTEC-1N1199A Datasheet
154Kb / 2P
Silicon-Power Rectifiers
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
High voltage diffused silicon power rectifiers
logo
Edal Industries, Inc.
E4A3 EDAL-E4A3 Datasheet
1Mb / 2P
Silicon Power Rectifiers
F3A3 EDAL-F3A3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
G5A3 EDAL-G5A3 Datasheet
626Kb / 2P
Silicon Power Rectifiers
J5A3 EDAL-J5A3 Datasheet
848Kb / 2P
Silicon Power Rectifiers
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183_07 Datasheet
129Kb / 2P
Silicon-Power-Rectifiers
logo
New Jersey Semi-Conduct...
1N248 NJSEMI-1N248 Datasheet
100Kb / 1P
Silicon Power Rectifiers
1N1202A NJSEMI-1N1202A Datasheet
124Kb / 1P
Silicon Avalanche Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com