Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2839AS Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX2839AS
Description  2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2839AS Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX2839AS Datasheet HTML 17Page - Maxim Integrated Products MAX2839AS Datasheet HTML 18Page - Maxim Integrated Products MAX2839AS Datasheet HTML 19Page - Maxim Integrated Products MAX2839AS Datasheet HTML 20Page - Maxim Integrated Products MAX2839AS Datasheet HTML 21Page - Maxim Integrated Products MAX2839AS Datasheet HTML 22Page - Maxim Integrated Products MAX2839AS Datasheet HTML 23Page - Maxim Integrated Products MAX2839AS Datasheet HTML 24Page - Maxim Integrated Products MAX2839AS Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
2.3GHz to 2.7GHz MIMO Wireless
BroadbandRF Transceiver
______________________________________________________________________________________
21
Detailed Description
Modes of Operation
The modes of operation for the MAX2839AS are shut-
down, clock-out only, standby, receive, transmit, trans-
mitter calibration, and receiver calibration. See Table 1
for a summary of the modes of operation. When the
parts are active, various blocks can be shutdown indi-
vidually by programming different SPI registers.
Shutdown Mode
The MAX2839AS features a low-power shutdown mode.
In shutdown mode, all circuit blocks are powered down,
except the 4-wire serial bus and its internal programma-
ble registers.
Clock-Out Only
In clock-out mode, the entire transceiver is off except
the divided reference clock output on the CLKOUT pin
and the clock divider, which remain on.
Standby Mode
The standby mode is used to enable the frequency
synthesizer block while the rest of the device is pow-
ered down. In this mode, the PLL, VCO, and LO gener-
ator are on so that Tx or Rx modes can be quickly
enabled from this mode. These and other blocks can
be selectively enabled in this mode by programming
different SPI registers.
Receive (Rx) Mode
In receive mode, all Rx circuit blocks are powered on
and active. Antenna signal is applied; RF is downcon-
verted, filtered, and buffered at Rx BB I and Q outputs.
Either receiver A or both receivers can be enabled.
Receiver B cannot be enabled by itself.
Transmit (Tx) Mode
In transmit mode, all Tx circuit blocks are powered on.
The external PA is powered on after a programmable
delay using the on-chip PA bias DAC.
Transmitter (Tx) Calibration Mode
All Tx circuit blocks except PA driver and external PA
are powered on and active. The AM detector and
receiver I/Q channel buffers are also on, along with
multiplexers in the receiver side to route this AM detec-
tor’s signal to each I and Q differential outputs. When
required, the I/Q lowpass filter can be bypassed.
MODE CONTROL LOGIC INPUTS
CIRCUIT BLOCK STATES
MODE
ENABLE
PIN
TXRX
PIN
SPI
REG1
D<3>
SPI
REG16
D<1:0>
Rx PATH
Tx PATH
PLL, VCO, LO
GEN
CALIBRATION
SECTIONS ON
CLOCK
OUTPUT
Shutdown
0
0
X
XX
Off
Off
Off
None
Off
Clock-Out Only
1
X
X
X0
Off
Off
Off
None
On
Clock-Out Only
X
1
X
X0
Off
Off
Off
None
On
Standby
0
1
X
01
Off
Off
On or Off
None
On
Rx (1x2 MIMO)
1
1
1
01
On
Off
On
None
On
Rx (1x1 SISO)
1
1
0
01
On (RX_A)
Off
On
None
On
Tx
1
0
X
01
Off
On
On
None
On
Tx Calibration
1
0
X
11
Off
On (except
PA driver)
On
SPI REG7D<7> = 1
AM detector + Rx
I, Q buffers
On
RX_A
Calibration
(Loopback)
11
0
11
On
(except
LNA)
On (except
PA driver)
On
SPI REG26D<3> = 1
Loopback
On
RX_B
Calibration
(Loopback)
11
1
11
On
(except
LNA)
On (except
PA driver)
On
SPI REG26D<3> = 1
Loopback
On
Table 1. Operating Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com