Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC3500I Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # KBPC3500I
Description  Silicon-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC3500I Datasheet(HTML) 2 Page - Diotec Semiconductor

  KBPC3500I Datasheet HTML 1Page - Diotec Semiconductor KBPC3500I Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBPC3500I ... KBPC3510I
Characteristics
Kennwerte
Max. current with cooling fin 300 cm²1
Dauergrenzstrom mit Kühlblech 300 cm2
TA = 50°C
R-load
C-load
IFAV
IFAV
35 A
28 A
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 17.5 A
VF
< 1.1 V 2)
Leakage current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 25 µA
Isolation voltage terminals to case
Isolationsspannung Anschlüsse zum Gehäuse
VISO
> 2500 V
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 1.5 K/W
Admissible torque for mounting
Zulässiges Anzugsdrehmoment
10-32 UNF
M5
18 ± 10% lb.in.
2 ± 10% Nm
1
Valid, if the temperature of the case is kept to TC = 120°C – Gültig, wenn die Gehäusetemperatur auf TC = 120°C gehalten wird
2
Valid per diode – Gültig pro Diode
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
I
FAV
[%]
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
10
10
10
1
10
3
2
-1
[A]
I
F
T = 25°C
j
T = 125°C
j
375a-(17.5a-1.1v)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com