Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4151 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # LL4151
Description  Ultrafast Switching Surface Mount Si-Planar Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LL4151 Datasheet(HTML) 1 Page - Diotec Semiconductor

  LL4151 Datasheet HTML 1Page - Diotec Semiconductor LL4151 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL4148, LL4150, LL4151, LL4448
LL4148, LL4150, LL4151, LL4448
Ultrafast Switching Surface Mount Si-Planar Diodes
Ultraschnelle Si-Planar-Dioden für die Oberflächenmontage
Version 2011-09-23
Dimensions - Maße [mm]
Nominal current
Nennstrom
150...300 mA
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...100 V
Glass case MiniMELF
Glasgehäuse MiniMELF
SOD-80C
Weight approx.
Gewicht ca.
0.04 g
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V] 1)
LL4148
75
100
LL4150
50
50
LL4151
50
75
LL4448
75
100
Type
Typ
LL4148
LL4448
LL4150
LL4151
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
IFAV
150 mA 2)
300 mA 2)
200 mA 2)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
500 mA 2)
600 mA 2)
500 mA 2)
Non-repetitive peak forward current
Stoßstrom-Grenzwert
tp = 1 µs
Tj = 25°C
IFSM
2000 mA
4000 mA
2000 mA
Max. power dissipation
Max. Verlustleistung
Ptot
500 mW 2)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+200°C
-50...+200°C
1
Tested with pulses IR = 100 µA, tp = 300 µs, duty cycle ≤ 2%
Gemessen mit Impulsen IR = 100 µA, tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 25 mm2 copper pads at each terminals
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - LL4151

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4151 VISHAY-LL4151 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Shanghai Lunsure Electr...
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4151 DIODES-LL4151 Datasheet
49Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30070 Rev. B-2
logo
General Semiconductor
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
LL4151 DIOTEC-LL4151 Datasheet
172Kb / 2P
Surface Mount Silicon Planar Diodes
More results

Similar Description - LL4151

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
LL4148 DIOTEC-LL4148_07 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
SUF4001 DIOTEC-SUF4001_07 Datasheet
71Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US3A DIOTEC-US3A_07 Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US2A DIOTEC-US2A_07 Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US1A DIOTEC-US1A_07 Datasheet
68Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
1N4148 DIOTEC-1N4148_11 Datasheet
92Kb / 2P
Ultrafast Switching Si-Planar Diodes
BAS19 DIOTEC-BAS19_11 Datasheet
118Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS19 DIOTEC-BAS19_15 Datasheet
120Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com