Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA262 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SA262
Description  Fast Switching Surface Mount Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SA262 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SA262 Datasheet HTML 1Page - Diotec Semiconductor SA262 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SA261 ... SA265
SA261 ... SA265
Fast Switching Surface Mount Silicon Rectifier Diodes
Schnelle Silizium-Gleichrichter für die Oberflächenmontage
Version 2010-04-13
Dimensions - Maße [mm]
Nominal current – Nennstrom
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
1200...2000 V
Plastic case MELF
Kunststoffgehäuse MELF
DO-213AB
Weight approx. – Gewicht ca.
0.12 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
SA261
1200
1200
SA262
1400
1400
SA263
1600
1600
SA264
1800
1800
SA265
2000
2000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
2 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
45/50 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
10 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - SA262

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SA262 DIOTEC-SA262 Datasheet
123Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
SA262 SEMIKRON-SA262 Datasheet
130Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
SA262 DIOTEC-SA262 Datasheet
68Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
SA262 SEMIKRON-SA262 Datasheet
123Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
SA262 DIOTEC-SA262 Datasheet
155Kb / 2P
Fast Recovery SMD Rectifier Diodes
More results

Similar Description - SA262

ManufacturerPart #DatasheetDescription
logo
Semikron International
SA154 SEMIKRON-SA154_07 Datasheet
110Kb / 2P
Surface mount diode Fast silicon rectifier diodes
FR2A SEMIKRON-FR2A_07 Datasheet
121Kb / 2P
Surface mount diode Fast silicon rectifier diodes
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A_11 Datasheet
99Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
FR2A DIOTEC-FR2A_10 Datasheet
99Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_11 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
USL1A DIOTEC-USL1A Datasheet
117Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
FR1A DIOTEC-FR1A_13 Datasheet
99Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
FR3A DIOTEC-FR3A_13 Datasheet
100Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
US1A DIOTEC-US1A_13 Datasheet
104Kb / 2P
Ultrafast Switching Surface Mount Silicon Rectifier Diodes
logo
DIOTEC Electronics Corp...
ER1A DEC-ER1A_11 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com