Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ2CF1 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ2CF1
Description  TO-220 Package, Step Up Output Chopper Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ2CF1 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ2CF1 Datasheet HTML 1Page - Sharp Corporation PQ2CF1 Datasheet HTML 2Page - Sharp Corporation PQ2CF1 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
Chopper Regulators
PQ2CF1
PQ2CF1
Parameter
Symbol
Rating
Unit
VIN
VSW
VADJ
VC
ISW
PD1
PD2
Tj
Topr
Tstg
Tsol
35
35
7
7
2.5
1.5
15
150
-20 to +80
-40 to +150
260 (For 10s)
V
V
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
Switching voltage
Error input voltage
ON/OFF control voltage
Switching current
Power dissipation (No heat sink)
Power dissipation (With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*2
*3
*4
*1 Voltage between VIN terminal and COM terminal
*2 Voltage between VSW terminal and COM terminal
*3 Voltage between VC terminal and COM terminal
*4 Overheat protection may operate at 125=<Tj=<150˚C.
s Absolute Maximum Ratings
(Ta=25˚C)
· Please refer to the chapter“ Handling Precautions ”.
TO-220 Package, Step Up Output Chopper Regulator
s Outline Dimensions
(Unit : mm)
PQ2CF1
1 VSW
2 VIN
3 COM
4 VC
5 OADJ
10.2MAX
φ3.2±0.1
5-0.8±0.1
4-(1.7)
4.5±0.2
2.8±0.2
3.2±0.5
q
1
q
2
q
3
q
4
q
5
(5.0)
8.2±0.7
(0.5)
(1.5)
· (
) : Typical value
· Radius of lead forming
portion:R=TYP.1.0
s Features
¡Maximum switching current : 2.5A
¡Built-in soft start function
¡Built-in oscillation circuit
(oscillation frequency : TYP.50kHz)
¡Built-in overheat protection,overcurrent protection
function
¡Variable output voltage (4.5 to 40V)
[Possible to choose step up output/flyback method
acording to external connection circuit]
s Applications
¡Personal computers/Word processors
¡Printers
¡Switching power supplies
¡Facsimiles
(Under Development)


Similar Part No. - PQ2CF1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ2CF1 SHARP-PQ2CF1 Datasheet
75Kb / 5P
TO-220 Package, Step Up Output Chopper Regulator
PQ2CF1 SHARP-PQ2CF1_01 Datasheet
75Kb / 5P
TO-220 Package, Step Up Output Chopper Regulator
More results

Similar Description - PQ2CF1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CF1 SHARP-PQ1CF1 Datasheet
28Kb / 3P
TO-220 Package Chopper Regulator
PQ1CF2 SHARP-PQ1CF2 Datasheet
29Kb / 3P
TO-220 Package Chopper Regulator
logo
Seiko Instruments Inc
S-8321 SII-S-8321 Datasheet
1Mb / 26P
SMALL PACKAGE PFM CONTROL STEP-UP SWITCHING REGULATOR
logo
Sharp Corporation
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
TO 220 TYPE CHOPPER REGULATOR
PQ1CG2032FZ SHARP-PQ1CG2032FZ Datasheet
69Kb / 6P
TO-220 Type Chopper Regulators
PQ1CG21H2FZ SHARP-PQ1CG21H2FZ_01 Datasheet
69Kb / 6P
Chopper Regulators TO-220 Type Chopper Regulators
PQ2CF1 SHARP-PQ2CF1_01 Datasheet
75Kb / 5P
TO-220 Package, Step Up Output Chopper Regulator
PQ6CU11X1APQ SHARP-PQ6CU11X1APQ Datasheet
136Kb / 4P
CMOS Step-up Chopper Regulator
PQ1CG2032FZH SHARP-PQ1CG2032FZH Datasheet
147Kb / 5P
TO-220 Type Chopper Regulator
PQ6CU12X2APQ SHARP-PQ6CU12X2APQ Datasheet
134Kb / 4P
CMOS Step-up Chopper Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com