Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1908 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SA1908
Description  Silicon PNP Epitaxial Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SA1908 Datasheet(HTML) 1 Page - Sanken electric

  2SA1908_07 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC5100)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–120
–120
–6
–8
–3
75(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
–10max
–10max
–120min
50min
∗
–0.5max
20typ
300typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=–120V
VEB=–6V
IC=–50mA
VCE=–4V, IC=–3A
IC=–3A, IB=–0.3A
VCE=–12V, IE=0.5A
VCB=–10V, f=1MHz
VCC
(V)
–40
RL
(
Ω)
10
IC
(A)
–4
VBB2
(V)
5
IB2
(A)
0.4
ton
(
µs)
0.14typ
tstg
(
µs)
1.40typ
tf
(
µs)
0.21typ
IB1
(A)
–0.4
2SA1908
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
Safe Operating Area (Single Pulse)
h FE– I C Temperature Characteristics (Typical)
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–2
–4
–6
–8
–1
–2
–3
–4
Collector-Emitter Voltage V CE(V)
–200mA
–150mA
–25mA
–100mA
–75mA
–50mA
I B=–10mA
0
–3
–2
–1
0
–0.2
–0.4
–0.6
–0.8
–1.0
Base Current I B(A)
I C=–8A
–4A
–2A
0
–8
–6
–2
–4
0
–1.5
–1.0
–0.5
Base-Emittor Voltage V BE(V)
(V CE=–4V)
–0.02
–0.1
–0.5
–1
–8
–5
30
50
100
200
Collector Current I C(A)
(V CE=–4V)
Typ
DC
Without Heatsink
Natural Cooling
100ms
10ms
–10
–5
–50
–100 –150
–0.1
–1
–0.5
–10
–20
–5
Collector-Emitter Voltage V CE(V)
0.02
0.1
0.05
0.5
1
5
8
0
20
10
30
(V CE=–12V)
Emitter Current I E(A)
Typ
0.2
0.5
4
1
1
1 0
100
1000
2000
Time t(ms)
θj-a–t Characteristics
f T– I E Characteristics (Typical)
80
60
40
20
3.5
0
05 0
25
75
125
100
150
Ambient Temperature Ta(˚C)
Without Heatsink
(V CE=–4V)
–0.02
–0.1
–0.5
–1
–5
–8
30
50
100
300
Collector Current I C(A)
125˚C
25˚C
–30˚C
VBB1
(V)
–10
External Dimensions FM100(TO3PF)
4.4
1.5
1.5
BE
C
5.45±0.1
ø3.3±0.2
1.75
2.15
1.05
+0.2
-0.1
5.45±0.1
15.6±0.2
5.5±0.2
3.45
3.35
0.65
+0.2
-0.1
±0.2
0.8
a
b
Weight : Approx 6.5g
a. Part No.
b. Lot No.
∗hFE Rank O(50to100), P(70to140), Y(90to180)


Similar Part No. - 2SA1908_07

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
2SA1908 JMNIC-2SA1908_15 Datasheet
197Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1908_07

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com