Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4466 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4466
Description  Silicon NPN Triple Diffused Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4466 Datasheet(HTML) 1 Page - Sanken electric

  2SC4466_01 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
107
Silicon NPN Triple Diffused Planar Transistor (Complement to type 2SA1693)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
120
80
6
6
3
60(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
10max
10max
80min
50min
∗
1.5max
20typ
110typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=120V
VEB=6V
IC=50mA
VCE=4V, IC=2A
IC=2A, IB=0.2A
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
2SC4466
(Ta=25°C)
(Ta=25°C)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
30
RL
(
Ω)
10
IC
(A)
3
VBB2
(V)
–5
IB2
(A)
–0.3
ton
(
µs)
0.16typ
tstg
(
µs)
2.60typ
tf
(
µs)
0.34typ
IB1
(A)
0.3
VBB1
(V)
10
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Part No.
b. Lot No.
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
Safe Operating Area (Single Pulse)
f T– I E Characteristics (Typical)
0
3
2
1
0
0.5
1.0
1.5
Base Current I B(A)
I C=6A
2A
4A
0
6
4
2
02
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
60
40
20
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
5
1 0
100
50
0.1
1
0.5
10
20
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
10ms
1ms
100ms
0.02
0.1
1
0.5
5 6
30
50
100
300
Collector Current I C(A)
(V CE=4V)
Typ
0
0
2
4
6
2
13
4
Collector-Emitter Voltage V CE(V)
80mA
50mA
30mA
20mA
150mA
100mA
I B=10mA
200mA
(V CE=4V)
0.02
0.5
6
5
1
20
50
200
100
0.1
Collector Current I C(A)
125˚C
25˚C
–30˚C
–0.02
–0.1
–1
–6
0
20
10
40
30
(V CE=12V)
Emitter Current I E(A)
Typ
0.3
1
5
0.5
1
1 0
100
1000
2000
Time t(ms)
∗hFE Rank O(50to100), P(70to140), Y(90to180)


Similar Part No. - 2SC4466_01

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC4466G-X-T3P-T UTC-2SC4466G-X-T3P-T Datasheet
122Kb / 3P
SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
2SC4466L-X-T3P-T UTC-2SC4466L-X-T3P-T Datasheet
122Kb / 3P
SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
logo
Quanzhou Jinmei Electro...
2SC4466 JMNIC-2SC4466_15 Datasheet
195Kb / 4P
Silicon NPN Power Transistors
logo
Unisonic Technologies
2SC4466 UTC-2SC4466_15 Datasheet
122Kb / 3P
SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
logo
Quanzhou Jinmei Electro...
2SC4466_2015 JMNIC-2SC4466_2015 Datasheet
195Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC4466_01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2389 SANKEN-2SD2389 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2401 SANKEN-2SD2401 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2438 SANKEN-2SD2438 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2561 SANKEN-2SD2561 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4138 SANKEN-2SC4138 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4546 SANKEN-2SC4546 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com