Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT460F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PT460F
Description  Duble-end Type Phototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT460F Datasheet(HTML) 2 Page - Sharp Corporation

  PT460F Datasheet HTML 1Page - Sharp Corporation PT460F Datasheet HTML 2Page - Sharp Corporation PT460F Datasheet HTML 3Page - Sharp Corporation PT460F Datasheet HTML 4Page - Sharp Corporation PT460F Datasheet HTML 5Page - Sharp Corporation PT460F Datasheet HTML 6Page - Sharp Corporation PT460F Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
s Electro-optical Characteristics
( Ta= 25˚C)
PT460/PT460F/PT461/PT461F/PT465F
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector current
PT460
IC
V CE =5V
*4 Ee = 1mW/cm2
0.18
-
1.20
mA
PT460F
0.11
-
0.90
PT465F
0.11
-
0.50
PT461
V CE =5V
*4 Ee = 0.01mW/cm2
0.20
-
1.20
PT461F
0.14
-
0.98
Collector dark current
PT460/460F/465F
ICEO
Ee = 0, VCE = 20V
-
-
0.1
µA
PT461/461F
Ee = 0, VCE = 10V
-
-
1.0
Collector-emitter
saturation voltage
PT460/PT460F
V CE(sat)
Ee = 10mW/cm2
-
0.2
0.4
V
IC = 0.5mA
PT465F
PT461/PT461F
Ee = 1mW/cm2
-
-
1.2
IC = 2.5mA
Collector-emitter breakdown voltage
BV CEO
IC = 0.1mA, E e = 0
35
-
-
V
Emitter-collector breakdown voltage
BV ECO
IC = 0.01mA, E e =0
6
-
-
V
Peak sensitivity
wavelength
PT460/PT461
λ p
-
-
800
-
nm
PT460F/461F/465F
-
860
-
PT460/460F/465F
t r
V CE = 20V, IC = 1mA
RL =1k
Ω
-10
40
µs
tf
-8
35
PT461/461F
t r
V CE = 2V, I C = 10mA
RL = 100
Ω
-
400
µs
-
300
tf
Half sensitivity angle
∆θ
--
± 50
-
*4 E e : Irradiance by CIE standard light source A (Tungsten Lamp)
- 25
0
25
50
75
100
125
0
20
40
60
80
100
120
50
85
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
125
0
100
20
40
60
80
120
85
Ambient temperature T a (˚C)
Ambient Temperature
Ambient Temperature
( PT461/461F )
Response
time
Rise time
Fall time
Response
time
Rise time
Fall time
( PT460/460F/465F )
Fig. 1-a Collector Power Dissipation vs.
Fig. 1-b Collector Power Dissipation vs.
2 000
1 500
˚



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com