Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT481F Datasheet(PDF) 3 Page - Sharp Corporation

Part # PT481F
Description  Narrow Acceptance High Sensitivity Phototransistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT481F Datasheet(HTML) 3 Page - Sharp Corporation

  PT481F Datasheet HTML 1Page - Sharp Corporation PT481F Datasheet HTML 2Page - Sharp Corporation PT481F Datasheet HTML 3Page - Sharp Corporation PT481F Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT481/PT481F/PT483F1
Irradiance E e ( mW/cm
2)
10-1
10
25
25
1
2
5
20
50
Collector- emitter voltage VCE (V)
0123456
0
5
10
15
20
25
T a = 25˚C
Ee = 0.2mW/cm
2
PC (MAX.)
0.15mW/cm
2
0.1mW/cm
2
0.08mW/cm
2
0.06mW/cm
2
0.04mW/cm2
0.02mW/cm
2
Collector-emitter voltage VCE (V)
02468
10
12
14
16
0
2
4
6
8
10
12
14
16
T a = 25˚C
PC(MAX.)
E e
=
0.2mW/cm
2
0.15mW/cm
2
0.1mW/cm
2
0.08mW/cm
2
0.04mW/cm
2
Wavelength
λ ( nm )
400
500
600
700
800
900
1000
1100
0
20
40
60
80
100
T a = 25˚C
PT481
PT481F
PT483F1
L ( Ω )
10
100
1000
10
100
5000
1
1000
t s
td
tf
tr
Test Circuit for Response Time
td
tr
Output
VCC
Output
RL
Input
tf
10 %
ts
90 %
VCE =2V
T a = 25˚C
( PT481F/PT483F1 )
VCE =2V
IC = 10mA
T a = 25˚C
( PT481F/PT483F1 )
Collector-emitter Voltage
(PT481 )
2
2
1
Fig.4-b Collector Current vs. Irradiance
Fig.5-a Collector Current vs.
Fig. 6 Spectral Sensitivity
Fig.5-b Collector Current vs.
Collector-emitter Voltage
0.02mW/cm
0.06mW/cm
Fig. 7 Response Time vs. Load Resistance
Load resistance R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com