Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13442E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13442E
Description  ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13442E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13442E Datasheet HTML 1Page - Maxim Integrated Products MAX13442E Datasheet HTML 2Page - Maxim Integrated Products MAX13442E Datasheet HTML 3Page - Maxim Integrated Products MAX13442E Datasheet HTML 4Page - Maxim Integrated Products MAX13442E Datasheet HTML 5Page - Maxim Integrated Products MAX13442E Datasheet HTML 6Page - Maxim Integrated Products MAX13442E Datasheet HTML 7Page - Maxim Integrated Products MAX13442E Datasheet HTML 8Page - Maxim Integrated Products MAX13442E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
±15kV ESD-Protected, ±80V Fault-Protected,
Fail-Safe RS-485/J1708 Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
VCC ........................................................................................+7V
RE, DE, DE, DI, TXD ...................................-0.3V to (VCC + 0.3V)
A, B (Note 1) (MAX13442E/MAX13444E) ............................±80V
A, B (Note 1) (MAX13443E) .................................................±60V
RO ..............................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration (RO, A, B) ...............................Continuous
Continuous Power Dissipation (TA = +70°C)
SO (derate 7.6mW/°C above +70°C) ...........................606mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PACKAGE THERMAL CHARACTERISTICS (Note 2)
SO
Junction-to-Ambient Thermal Resistance (
θJA) .........132°C/W
Junction-to-Case Thermal Resistance (
θJC) ................38°C/W
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
Figure 1, RL = 100
2
VCC
Differential Driver Output
VOD
Figure 1, RL = 54
1.5
VCC
V
Change in Magnitude of
Differential Output Voltage
VOD
Figure 1, RL = 100
or 54
(Note 3)
0.2
V
Driver Common-Mode
Output Voltage
VOC
Figure 1, RL = 100
or 54
VCC / 2
3
V
Change in Magnitude of
Common-Mode Voltage
VOC
Figure 1, RL = 100
or 54
(Note 3)
(MAX13442E/MAX13443E)
0.2
V
DRIVER LOGIC
Driver-Input High Voltage
VDIH
2
V
Driver-Input Low Voltage
VDIL
0.8
V
Driver-Input Current
IDIN
±2
μA
0V
VOUT
+12V
+350
Driver Short-Circuit Output Current
(Note 4)
IOSD
-7V
VOUT
VCC
-350
mA
(VCC - 1V)
VOUT
+12V (Note 4)
+25
Driver Short-Circuit Foldback
Output Current
IOSDF
-7V
VOUT
+1V (Note 4)
-25
mA
VOUT
+20V, RL = 100
+6
Driver-Limit Short-Circuit Foldback
Output Current
IOSDL
VOUT
-15V, RL = 100
-6
mA
Note 1: During normal operation, a termination resistor must be connected between A and B in order to guarantee overvoltage pro-
tection up to the absolute maximum rating of this device. When not in operation, these devices can withstand fault voltages
up to the maximum rating without a termination resistor and will not be damaged.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com