Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13487E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13487E
Description  Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13487E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13487E Datasheet HTML 1Page - Maxim Integrated Products MAX13487E Datasheet HTML 2Page - Maxim Integrated Products MAX13487E Datasheet HTML 3Page - Maxim Integrated Products MAX13487E Datasheet HTML 4Page - Maxim Integrated Products MAX13487E Datasheet HTML 5Page - Maxim Integrated Products MAX13487E Datasheet HTML 6Page - Maxim Integrated Products MAX13487E Datasheet HTML 7Page - Maxim Integrated Products MAX13487E Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Quick Start
Required Equipment
Before beginning, the following equipment is needed:
•
One +5V 550mA current-limited power supply with
a built-in current meter
•
One voltmeter
•
One logic signal generator
•
One oscilloscope with a differential probe
Procedure
The MAX13487E EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1) Connect a voltmeter to the VOUT and GND PC pads.
2) Verify that a shunt is not installed across the pins of
jumper JU1 (U2 enabled).
3) Verify that a shunt is installed across pins 1-2 of
jumper JU2 (U1 enabled).
4) Verify that a shunt is installed across the pins of
jumpers JU3 (AutoDirection enabled), JU4 (pull-
down), JU6 (pullup), and JU5 (bus terminated).
5) Connect the +5V power supply to the VIN pad.
Connect the power supply’s ground to the PGND pad.
6) Turn on the power supply and verify that the volt-
meter at VOUT reads +5V.
7) Using the logic signal generator, apply a +5V logic
signal to the TXD PCB pad and PGND.
8) Using the oscilloscope and differential probes, verify
the signal at the A-B pads (isolated side).
Note: The +5V supply powering the MAX13487E EV kit
must be current-limited at 550mA and the output load
current for the output should be limited to less than
300mA.
Detailed Description of Hardware
The EV kit features a MAX13487E IC in an 8-pin SO sur-
face-mount package and demonstrates the ESD-
protected MAX13487E RS-485/RS-422 AutoDirection
transceiver. The differential driver and receiver are con-
figured for half-duplex operation and communicate up
to 500kbps. The transceiver circuit is a 1/4-unit load on
the receiver’s bus.
The EV kit features PCB pads to ease interfacing with
the driver/receiver logic signals on the non-isolated side
using the TXD, RXD, and PGND pads, respectively. The
MAX13487E IC is powered from the isolated VOUT
supply. Photocoupler U4 provides isolation for the
receiver’s RO signal (RXD pad) and U5 provides isola-
tion for the data-in DI signal (TXD pad).
The EV kit demonstrates the MAX13487E slew-rate
limited driver, which minimizes EMI radiation.
Photocouplers U4 and U5 are rated for up to 15Mbps.
The MAX13487E receiver signal is provided at the RO
pin. The RO pin will give a logic-high if A-B > +200mV.
A logic-low is given if A-B < -200mV. Refer to the
Transmitting and Receiving sections in the Function
Tables in the MAX13487E/MAX13488E IC data sheet
for additional information on the AutoDirection circuitry
operation. Also see the
AutoDirection and Receiver
Enable Selection section in this document for configur-
ing the AutoDirection and receiver operation.
MAX13487E Evaluation Kit
2
_______________________________________________________________________________________
Component Suppliers
Note: Indicate that you are using the MAX13487E or
MAX13488E when contacting these component suppliers.
*
EP = Exposed pad.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
U2
1
Integrated primary-side controller
and H-bridge driver (8 SO-EP*)
Maxim MAX256ASA+
U3
1
Linear regulator (8 SO)
Maxim MAX1659ESA+
U4, U5
2
15Mbps CMOS photocouplers
(5 SO)
CEL/NEC PS9151-A
—
6
Shunts (JU1–JU6)
—
4
Rubber bumpers
—
1
PCB: MAX13487E Evaluation Kit#
SUPPLIER
PHONE
WEBSITE
CEL/NEC
(California Eastern
Laboratories/NEC)
408-588-2247 www.cel.com
Central
Semiconductor
Corp.
631-435-1110 www.centralsemi.com
Diodes, Inc.
805-446-4800 www.diodes.com
HALO Electronics,
Inc.
650-903-3800 www.haloelectronics.com
Murata
Electronics North
America, Inc.
770-436-1300
www.murata-
northamerica.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com