Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4401 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 2N4401
Description  General Purpose Si-Epitaxial Planar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

2N4401 Datasheet(HTML) 2 Page - Diotec Semiconductor

  2N4401 Datasheet HTML 1Page - Diotec Semiconductor 2N4401 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4401
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCE = 35 V, VEB = 0,4 V
ICBV
–
–
100 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VCE = 35 V, VEB = 0,4 V
IEBV
–
–-
100 nA
Gain-Bandwidth Product – Transitfrequenz
IC = 20 mA, VCE = 10 V, f = 100 MHz
fT
250 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 5 V, IE = ie = 0, f = 1 MHz
CCBO
–
–
6.5 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
VEB = 0.5 V, IC = ic = 0, f = 1 MHz
CEBO
–
–
30 pf
Switching times – Schaltzeiten (between 10% and 90% levels)
delay time
rise time
VCC = 30 V, VEB = 2 V
IC = 150 mA, IB1 = 15 mA
td
–
–
15 ns
tr
–
–
20 ns
storage time
fall time
VCC = 30 V, IC = 150 mA,
IB1 = IB2 = 15 mA
ts
–
–
225 ns
tf
–
–
30 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 200 K/W 1)
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
2N4403
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com