Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S101S16V Datasheet(PDF) 2 Page - Sharp Corporation

Part # S101S16V
Description  SIP Type SSR with Built-in Snubber Circuit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101S16V Datasheet(HTML) 2 Page - Sharp Corporation

  S101S16V Datasheet HTML 1Page - Sharp Corporation S101S16V Datasheet HTML 2Page - Sharp Corporation S101S16V Datasheet HTML 3Page - Sharp Corporation S101S16V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electrical Characteristics
(Ta = 25˚C )
S101S15V/S101S16V/S201S15V/S201S16V
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
V F
IF = 20mA
-
1.2
1.4
V
Reverse current
IR
V R =3V
-
-
10-4
A
Output
ON-state voltage
V T
IT = 1.5A rms
-
-
1.5
V rms
Minimum oper-
S101S15V/16V
IOP
V OUT = 120V rms
-
-
50
mA rms
S201S15V/16V
V OUT = 240V rms
leak current
Open circuit
I
V OUT = 120V rms
--
5
mA rms
V OUT = 240V rms
--
10
S201S15V/16V
30
-
-
Commutation critical rate of rise
of OFF-state voltage
4-
-
Transfer
charact-
eristics
Minimum trig-
ger current
S101S15V/S201S15V
I FT
V D = 12V, R L =30
Ω
-
-
15
mA
S101S16V/S201S16V
V D = 6V, R L =30
Ω
Isolation resistance
DC500V, R H = 40 to 60%
1010
--
Ω
Zero-cross
voltage
S101S16V
V OX
IF = 15mA
--
35
V
S201S16V
--
35
Turn-on time
S101S15V/S201S15V
ton
AC50H Z
--
1
S101S16V/S201S16V
--
10
Turn-off time
toff
AC50H Z
--
10
Thermal resistance
R th (j-c)
-
6
-
˚C/W
Thermal resistance
R th (j-a)
-
-
-
45
-
˚C/W
ating current
S101S15V/16V
V D = 2/3V DRM
T j = 125˚C, VD= 400V,
Ambient temperature T a (˚C)
0
25
50
100
125
0
1
2
3
4
5
Al plate
SSR
(1)
(2)
Without
heat sink
Case temperature T c (˚C)
60
70
80
90
100
110 120
130
0
1
2
3
4
5
125
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Note ) With the Al heat sink set up vertically,
install it as shown in the figure
Torque : 4kg•cm
Apply thermal conductive silicone grease
on the heat sink mounting plate.forcibly
cooling shall not be carried out.
Fig. 2 RMS ON-state Current vs.
Case Temperature
(1 ) With heat sink ( Al 100 x 100 x t 2mm)
(2 ) With heat sink ( Al 50 x 50 x t 2mm)
V/
µ s
V/
µ s
ms
ms
Critical rate of rise of OFF-state voltage
R ISO
-20
leak
dI T/d t = -1.5A/ms
Between junction and case
Between junction and ambient
-20
75 80
dV/dt
(dV/dt)c
Resistance load, I F = 20mA,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com