Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19WS Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BAV19WS
Description  Surface Mount Small Signal Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAV19WS Datasheet(HTML) 2 Page - Diotec Semiconductor

  BAV19WS_11 Datasheet HTML 1Page - Diotec Semiconductor BAV19WS_11 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAV19WS...BAV21WS
Characteristics (Tj = 25° C)
Kennwerte (Tj = 25° C)
Forward voltage 1)
Durchlass-Spannung
IF = 100 mA
IF = 200 mA
VF
VF
< 1 V
< 1.25 V
Leakage current 1)
Sperrstrom
Tj = 25° C
BAV19WS
BAV20WS
BAV21WS
VR = 100 V
VR = 150 V
VR = 200 V
IR
< 100 nA
Max. junction capacitance – Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
CT
< 5 pF
Reverse recovery time – Sperrverzug
IF = 30 mA über/ through IR = 30 mA bis / to IR = 1 mA
trr
< 50 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 625 K/W 2
Marking – Stempelung
BAV19WS
BAV20WS
BAV21WS
WO
1
Tested with pulses tp = 300 µs, duty cycles ≤ 2 %
gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2 %
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com
© Diotec Semiconductor AG
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V] 1.4
1.0
0.8
0.6
0.4
0
[A]
I
F
10-4
10-3
10-2
10-1
1
T = 25°C
j
T = 125°C
j
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com