Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11ME5 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S11ME5
Description  Phototriac Coupler Conformable to European Safety Standard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11ME5 Datasheet(HTML) 2 Page - Sharp Corporation

  S11ME5 Datasheet HTML 1Page - Sharp Corporation S11ME5 Datasheet HTML 2Page - Sharp Corporation S11ME5 Datasheet HTML 3Page - Sharp Corporation S11ME5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electro-optical Characteristics
( Ta = 25˚C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
-
1.2
1.4
V
Reverse current
IR
--
10 -5
A
Repetitive peak OFF-state current
I DRM
--
10 -6
A
ON-state voltage
V T
-
-
2.5
V
Holding current
IH
0.1
-
3.5
mA
Critical rate of rise of OFF-state voltage
100
-
-
V/
µ s
∗5Zero-cross voltage
VOX
-
-
35
V
Transfer
charac-
teristics
Minimum trigger current
Isolation resistance
Turn-on time
IFT
-
-
10
mA
RISO
5x 1010
1011
-
Ω
t on
-
-
100
µs
2
VDRM = ( 1/
) • Rated
Conditions
IF = 20mA
VR =3V
VDRM = Rated
IT = 100mA
VD =6V
F
= 15mA
R L = 100
Ω , VD =6V
VD = 6V, R L = 100
Ω , I F = 20mA
-30
0
20406080
100
0
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
- 30
0
25
75
100
125
0
10
30
40
50
60
70
Fig. 2 Forward Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
1
0.9
2
5
10
20
50
100
1.0
1.1
1.2
1.3
1.4
1.5
0˚C
- 25˚C
50˚C
25˚C
Fig. 3 Forward Current vs. Forward Voltage
10
8
6
4
2
100
80
60
40
20
0
0
- 30
12
S21ME5/5F
S11ME5
S21ME6/6F
S11ME6
Fig. 4 Minimum Trigger Current vs.
Ambient Temperature
∗5 S11ME6, S21ME6, S21ME6F
Forward voltage V F (V)
Ambient temperature T a (˚C)
Output
20
40
60
80
100
120
20
50
Resistance load, I
DC = 500V, 40 to 60% RH
Ta = 75˚C
RL = 100Ω
VD =6V
S11ME5/S11ME6/S21ME5/S21ME5F/S21ME6/S21ME6F
dV/dt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com