Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S11MS7 Datasheet(PDF) 2 Page - Sharp Corporation

Part # S11MS7
Description  High Speed/ High Noise-resistance Type Phototriac Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S11MS7 Datasheet(HTML) 2 Page - Sharp Corporation

  S11MS7 Datasheet HTML 1Page - Sharp Corporation S11MS7 Datasheet HTML 2Page - Sharp Corporation S11MS7 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S11MS7
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Forward voltage
VF
-
1.2
1.4
V
Reverse current
IR
--
10
µA
I DRM
--
1
µA
VT
-
1.3
2.5
V
Holding current
IH
-
0.5
3.5
mA
500
-
-
V/
µs
Minimum trigger current
I FT
--
5
mA
Isolation resistance
R ISO
5x1010
1011
-
Ω
−
10
15
µs
s Electro-optical Characteristics
( Ta= 25˚C)
ON-state voltage
Repetitive peak OFF-state current
Critical rate of rise of OFF-state voltage
Input
Output
Transfer
charac-
teristics
2
V DRM = ( 1/
) • Rated
Conditions
IF = 20mA
V R =3V
V DRM = Rated
IT = 0.05A
V D =6V
V D = 6V, R L = 100
Ω
V D = 6V, R L = 100
Ω ,
IF = 20mA
0
10
- 30
0
50
100
20
30
40
50
60
Fig. 1 RMS ON-state Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
- 30
0
125
70
0
25
50
75
100
60
50
40
30
20
10
a (˚C)
Fig. 2 Forward Current vs.
Ambient Temperature
1
0.9
2
5
10
20
50
100
1.0
1.1
1.2
1.3
1.4
1.5
0˚C
- 25˚C
50˚C
25˚C
T a = 75˚C
Fig. 3 Forward Current vs. Forward Voltage
12
10
8
6
4
2
100
50
0
0
- 30
Fig. 4 Minimum Trigger Current vs.
Ambient Temperature
Ambient temperature T a (˚C)
V D =6V
RL = 100Ω
Forward voltage V F (V)
Turn-on time
t on
Ambient temperature T
DC = 500V, 40 to 60% RH
dV/dt



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com