Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMEB1713 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CMEB1713
Description  Mechanical Buzzer (DC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CMEB1713 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CMEB1713 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical
Buzzer (DC)
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CMEB1714
CMEB1713
400 100
±
400 100
±
400 100
±
400 100
±
400 100
±
400 100
±
Fundamental
Frequency
(Hz)
70 at 20cm
70 at 20cm
75 at 20cm
75 at 20cm
75 at 20cm
75 at 20cm
Min Sound
Output
(dBA)
CMEB1713A04BP
CMEB1713C04BP
CMEB1713F04BP
CMEB1713G04BP
CMEB1713H04BP
CMEB1713I04BP
1 ~ 3
2 ~ 4
4 ~ 8
6 ~ 12
9 ~ 15
15 ~ 27
1.5
3.6
6
9
12
24
20
25
25
25
25
30
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Continuous
Continuous
Continuous
Continuous
Continuous
Tone
Nature
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
Operating
Tempature
( C)
o
ABS
ABS
ABS
ABS
ABS
ABS
Housing
10
10
10
10
10
10
Weight
(g)
400 100
±
400 100
±
400 100
±
400 100
±
400 100
±
400 100
±
Fundamental
Frequency
(Hz)
70 at 20cm
70 at 20cm
75 at 20cm
75 at 20cm
75 at 20cm
75 at 20cm
Min Sound
Output
(dBA)
CMEB1714A04BP
CMEB1714C04BP
CMEB1714F04BP
CMEB1714G04BP
CMEB1714H04BP
CMEB1714I04BP
1 ~ 3
2 ~ 4
4 ~ 8
6 ~ 12
9 ~ 15
15 ~ 27
1.5
3.6
6
9
12
24
20
25
25
25
25
30
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Continuous
Continuous
Continuous
Continuous
Continuous
Tone
Nature
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
-10 ~ +60
Operating
Tempature
( C)
o
ABS
ABS
ABS
ABS
ABS
ABS
Housing
10
10
10
10
10
10
Weight
(g)


Similar Part No. - CMEB1713

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMEB1715 CANOPUS-CMEB1715 Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB1715A04BW CANOPUS-CMEB1715A04BW Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB1715C04BW CANOPUS-CMEB1715C04BW Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB1715F04BW CANOPUS-CMEB1715F04BW Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB1715G04BW CANOPUS-CMEB1715G04BW Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
More results

Similar Description - CMEB1713

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMB1005 CANOPUS-CMB1005 Datasheet
730Kb / 1P
Magnetic Buzzer (DC)
CMB2814 CANOPUS-CMB2814 Datasheet
866Kb / 1P
Magnetic Buzzer (DC)
CMEB1715 CANOPUS-CMEB1715 Datasheet
556Kb / 1P
Mechanical Buzzer (DC)
CMEB2320 CANOPUS-CMEB2320 Datasheet
900Kb / 1P
Mechanical Buzzer (DC)
CMEB2619 CANOPUS-CMEB2619 Datasheet
643Kb / 1P
Mechanical Buzzer (DC)
CPB1208 CANOPUS-CPB1208 Datasheet
784Kb / 1P
Piezo Buzzer (DC)
CPB3015 CANOPUS-CPB3015 Datasheet
758Kb / 1P
Piezo Buzzer (DC)
CPB3207 CANOPUS-CPB3207 Datasheet
790Kb / 1P
Piezo Buzzer (DC)
CPB4333-H CANOPUS-CPB4333-H Datasheet
651Kb / 1P
Piezo Buzzer (DC)
logo
Soberton Inc.
MB-2317 SOBERTON-MB-2317 Datasheet
227Kb / 5P
MB MECHANICAL BUZZER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com