Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1007 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CMT1007
Description  Magnetic Transducer (AC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CMT1007 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CMT1007 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CMT1005A2731NPX
1 ~ 2
1 ~ 2
1.5
80
5.5
1
±
5.5
1
±
80 at 10cm
80 at 10cm
2731
2731
-20 ~ +60
-20 ~ +60
-20 ~ +60
-20 ~ +60
Noryl
1
CMT1005A3100NPX
1.5
80
3100
3100
Noryl
1
CMT1005E2731NPX
4 ~ 8
4 ~ 8
5
5
100
100
40
7.5
±
40
7.5
±
85 at 10cm
85 at 10cm
Noryl
Noryl
1
1
CMT1005E3100NPX
Canopus Part no.
Voltage
(V)
Voltage
(V)
Current
(mA)
Resistance
(
Ω)
Output
(dBA)
Frequency
(Hz)
Tempature
( C)
o
Housing Weight
(g)
Operating
Rated
Max Rated
Coil
Min Sound
Resonant
Operating
CMT0704
Magnetic
Transducer (AC)
CMT1005-X
CMT1007
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CMT0905
CMT0905A2731NP
1 ~ 2
1 ~ 2
1.5
80
5.5
1
±
5.5
1
±
80 at 10cm
80 at 10cm
2731
2731
-20 ~ +60
-20 ~ +60
-20 ~ +60
-20 ~ +60
Noryl
1
CMT0905A3100NP
1.5
80
3100
3100
Noryl
1
CMT0905E2731NP
4 ~ 8
4 ~ 8
5
5
100
100
40
7.5
±
40
7.5
±
85 at 10cm
85 at 10cm
Noryl
Noryl
1
1
CMT0905E3100NP
Canopus Part no.
Voltage
(V)
Voltage
(V)
Current
(mA)
Resistance
(
Ω)
Output
(dBA)
Frequency
(Hz)
Tempature
( C)
o
Housing Weight
(g)
Operating
Rated
Max Rated
Coil
Min Sound
Resonant
Operating
Canopus Part no.
Voltage
(V)
Voltage
(V)
Current
(mA)
Resistance
(
Ω)
Output
(dBA)
Frequency
(Hz)
Tempature
( C)
o
Housing Weight
(g)
-20 ~ +60
3100
1 ~ 2
1.5
80
5.5
1
±
80 at 10cm
Noryl
2
CMT1007A3100NP
Operating
Rated
Max Rated
Min Sound
Resonant
Operating
Coil


Similar Part No. - CMT1007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT10N10 ETC1-CMT10N10 Datasheet
156Kb / 5P
POWER FIELD EFFECT TRANSISTOR
CMT10N10N220 ETC1-CMT10N10N220 Datasheet
156Kb / 5P
POWER FIELD EFFECT TRANSISTOR
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
POWER MOSFET
CMT10N40N220 ETC1-CMT10N40N220 Datasheet
158Kb / 5P
POWER MOSFET
More results

Similar Description - CMT1007

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMT0704 CANOPUS-CMT0704 Datasheet
791Kb / 1P
Magnetic Transducer (AC)
CMT1204 CANOPUS-CMT1204 Datasheet
873Kb / 1P
Magnetic Transducer (AC)
CMT1209 CANOPUS-CMT1209 Datasheet
832Kb / 1P
Magnetic Transducer (AC)
CMT1405 CANOPUS-CMT1405 Datasheet
802Kb / 1P
Magnetic Transducer (AC)
CMT1614-T CANOPUS-CMT1614-T Datasheet
862Kb / 1P
Magnetic Transducer (AC)
CMT2512 CANOPUS-CMT2512 Datasheet
413Kb / 1P
Magnetic Transducer (AC)
CSMT0502 CANOPUS-CSMT0502 Datasheet
800Kb / 1P
SMD Magnetic Transducer (AC)
CSMT0803-SS CANOPUS-CSMT0803-SS Datasheet
1Mb / 1P
SMD Magnetic Transducer (AC)
CSMT1002-X CANOPUS-CSMT1002-X Datasheet
1Mb / 1P
SMD Magnetic Transducer (AC)
CMT1206-X CANOPUS-CMT1206-X Datasheet
871Kb / 1P
Magnetic Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com