Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPB5331 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CPB5331
Description  Piezo Buzzer (DC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CPB5331 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CPB5331 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Piezo
Buzzer (DC)
CPB6038
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CPB8432
CPB5331
2800
500
±
93 at 30cm
CPB5331FC28NW
3 ~ 12
6
20
38
Continuous
Noryl
-30 ~ +70
Resonant
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Weight
(g)
2800
400
2800
500
2800
500
±
±
±
100 at 1m
108 at 1m
103 at 1m
CPB6038HC28BW
CPB6038HD28BW
CPB6038IC28BW
6 ~ 15
6 ~ 15
12 ~ 28
12
12
24
300
300
200
-20 ~ +70
-20 ~ +85
-20 ~ +70
ABS
ABS
ABS
110
110
110
Continuous
Continuous
Normal Pulse
Resonant
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Weight
(g)
2600 ~ 3100
2600 ~ 3100
1500 ~ 3100
2600 ~ 3100
105 at 1m
105 at 1m
105 at 1m
105 at 1m
9 ~ 15
6 ~ 15
16 ~ 28
16 ~ 28
12
12
24
24
120
120
120
120
CPB8432HM 26BW
CPB8432HT26BW
CPB8432IM 15BW
CPB8432IT26BW
-20 ~ +60
-20 ~ +60
-20 ~ +60
-20 ~ +60
ABS
ABS
ABS
ABS
90
90
90
90
Siren
Two
Siren
Two
Resonant
Frequency
(Hz)
Min Sound
Output
(dBA)
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Tone
Nature
Operating
Tempature
( C)
o
Housing Weight
(g)


Similar Part No. - CPB5331

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPB5029 CANOPUS-CPB5029 Datasheet
900Kb / 1P
Piezo Buzzer (DC)
CPB5029HC25BP CANOPUS-CPB5029HC25BP Datasheet
900Kb / 1P
Piezo Buzzer (DC)
CPB5038 CANOPUS-CPB5038 Datasheet
900Kb / 1P
Piezo Buzzer (DC)
CPB5038HT30BW CANOPUS-CPB5038HT30BW Datasheet
900Kb / 1P
Piezo Buzzer (DC)
More results

Similar Description - CPB5331

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPB1208 CANOPUS-CPB1208 Datasheet
784Kb / 1P
Piezo Buzzer (DC)
CPB2211 CANOPUS-CPB2211 Datasheet
797Kb / 1P
Piezo Buzzer (DC)
CPB2310 CANOPUS-CPB2310 Datasheet
762Kb / 1P
Piezo Buzzer (DC)
CPB2626 CANOPUS-CPB2626 Datasheet
819Kb / 1P
Piezo Buzzer (DC)
CPB3015 CANOPUS-CPB3015 Datasheet
758Kb / 1P
Piezo Buzzer (DC)
CPB3207 CANOPUS-CPB3207 Datasheet
790Kb / 1P
Piezo Buzzer (DC)
CPB3626-R CANOPUS-CPB3626-R Datasheet
981Kb / 1P
Piezo Buzzer (DC)
CPB4216 CANOPUS-CPB4216 Datasheet
846Kb / 1P
Piezo Buzzer (DC)
CPB4333-H CANOPUS-CPB4333-H Datasheet
651Kb / 1P
Piezo Buzzer (DC)
CPB4526 CANOPUS-CPB4526 Datasheet
900Kb / 1P
Piezo Buzzer (DC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com