Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPR3006 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CPR3006
Description  Piezo Receiver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CPR3006 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CPR3006 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Piezo
Receiver
CPR3006
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CPR2203
CPR3304
CPR2203A106BW 90000 30%
±
300 - 3400
Leadwire
1.3
ABS
Canopus Part no. Capacitance
(pF)
Terminal
Frequency
Range
(Hz)
Weight
(g)
Housing
CPR3304A107AW 65000 30%
±
300 - 3400
Leadwire
Aluminum
5.5
Canopus Part no. Capacitance
(pF)
Terminal
Frequency
Range
(Hz)
Weight
(g)
Housing
CPR3006A110A
70000 30%
±
300 - 3400
NIL
Aluminum
5
Canopus Part no. Capacitance
(pF)
Terminal
Frequency
Range
(Hz)
Weight
(g)
Housing


Similar Part No. - CPR3006

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CPR30-USB OSRAM-CPR30-USB Datasheet
111Kb / 3P
NFC Programming Interfaces
July 11, 2023, 08:25:49
More results

Similar Description - CPR3006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM-250 ETC2-EFM-250 Datasheet
167Kb / 1P
Piezo Buzzer
logo
Ningbo Foryard Optoelec...
EFM-250D FORYARD-EFM-250D Datasheet
45Kb / 1P
Piezo Buzzer
logo
Projects Unlimited, Inc...
SMT-1341-T-2-R PUI-SMT-1341-T-2-R Datasheet
197Kb / 1P
Transducer (Piezo)
SMT-1640-S-2-R PUI-SMT-1640-S-2-R Datasheet
250Kb / 1P
Transducer (Piezo)
SMT-2240-TW-R PUI-SMT-2240-TW-R Datasheet
225Kb / 1P
Transducer (Piezo)
logo
Soberton Inc.
ST-0503-3 SOBERTON-ST-0503-3 Datasheet
558Kb / 6P
Piezo Buzzer
logo
CUI INC
CPT-3526-L100 CUI-CPT-3526-L100 Datasheet
356Kb / 4P
PIEZO ELEMENT
CPT-3529-L100 CUI-CPT-3529-L100 Datasheet
363Kb / 4P
PIEZO ELEMENT
logo
Festo Corporation.
VEAE-BB-6-12-D9-X4 FESTO-VEAE-BB-6-12-D9-X4 Datasheet
89Kb / 2P
Piezo valve
VEMP-BS-3-16-D7-F-28T1 FESTO-VEMP-BS-3-16-D7-F-28T1 Datasheet
94Kb / 2P
Piezo valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com