Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPT1003 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CPT1003
Description  External Drive Piezo Transducer (AC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CPT1003 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CPT1003 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
External Drive
Piezo Transducer (AC)
CPT1003
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CPT0908
CPT0908H29TP
Canopus Part no.
75 AT 10cm
Min sound
Output
(dBA)
10 Vp-p
Rated
Voltage
(V)
30 Vrms
Max Input
Voltage
(V)
2900
Resonant
Frequency
(Hz)
5600
30% at 1000Hz
±
-25 ~ +65
Operating
Tempature
( C)
o
PBT
Housing
0.5
Weight
(g)
Capacitance
(pF)
CPT1003H32BW
80 AT 10cm 10 Vp-p
30 Vrms
3200
11000
30% at 1000Hz
±
-20 ~ +70
ABS
1
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)
CPT1207
CPT1207I45NP
80 AT 10cm 12 Vp-p
30 Vrms
4500
6000
30% at 1000Hz
±
-20 ~ +80
PPO
2
Canopus Part no.
Min sound
Output
(dBA)
Rated
Voltage
(V)
Max Input
Voltage
(V)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Capacitance
(pF)


Similar Part No. - CPT1003

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CPT1000 RHOPOINT-CPT1000 Datasheet
119Kb / 1P
Platinum Temperature Sensor SMD 1206 CPT 1000
logo
Clarke International
CPT1000 CLARKE-CPT1000 Datasheet
6Mb / 24P
10” PLANER / THICKNESSER
DL0222
More results

Similar Description - CPT1003

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CPT1208 CANOPUS-CPT1208 Datasheet
635Kb / 1P
External Drive Piezo Transducer (AC)
CPT1306E CANOPUS-CPT1306E Datasheet
609Kb / 1P
External Drive Piezo Transducer (AC)
CPT1406 CANOPUS-CPT1406 Datasheet
625Kb / 1P
External Drive Piezo Transducer (AC)
CPT1604 CANOPUS-CPT1604 Datasheet
621Kb / 1P
External Drive Piezo Transducer (AC)
CPT1708 CANOPUS-CPT1708 Datasheet
725Kb / 1P
External Drive Piezo Transducer (AC)
CPT2211 CANOPUS-CPT2211 Datasheet
732Kb / 1P
External Drive Piezo Transducer (AC)
CPT3005 CANOPUS-CPT3005 Datasheet
682Kb / 1P
External Drive Piezo Transducer (AC)
CPT3307 CANOPUS-CPT3307 Datasheet
940Kb / 1P
External Drive Piezo Transducer (AC)
CPT3914 CANOPUS-CPT3914 Datasheet
854Kb / 1P
External Drive Piezo Transducer (AC)
CPT2206 CANOPUS-CPT2206 Datasheet
625Kb / 1P
External Drive Piezo Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com