Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS06-2-PP Datasheet(PDF) 2 Page - Meder Electronic

Part # MS06-2-PP
Description  MS Magnet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MS06-2-PP Datasheet(HTML) 2 Page - Meder Electronic

  MS06-2-PP Datasheet HTML 1Page - Meder Electronic MS06-2-PP Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Item No.:
2500000026
Item:
MS06/2-PP
floating magnet
| Email: salesasia@meder.com
| Email: salesusa@meder.com
| Email: info@meder.com
+49 / 7731 8399 0
+1 / 508 295 0771
+852 / 2955 1682
USA:
Asia:
Europe:
Special Product Data
Conditions
Min
Typ
Max
Unit
PP HF700SA, colour RAL 9004 (signal black)
Material of float
Float weight
Environmental data
Conditions
Min
Typ
Max
Unit
IP68
DIN EN 60529
Safety class
Mag. values DIN IEC 60404-8-
Conditions
Min
Typ
Max
Unit
Energy product
(B x H) max.
Remanence
Br
Revers. temp. coeff. of Br
Coercivity
HcB
Coercivity
HcJ
Revers. temp. coeff. of HcJ
Density
inclusive of 5% tolerance
Magnetic moment
axial
Direction of Magnetization
NdFeB, N35H, nickel plated
Magnet Material
General data
Conditions
Min
Typ
Max
Unit
All details according to manufacturers information
Remarks
Modifications in the sense of technical progress are reserved
17.03.09
WKOVACS
WKOVACS
02
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
09.06.11
DKUECHLER
DKUECHLER
Approval by:
Approval by:
16.09.09
Approval at:
Approval at:
09.06.11



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com