Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3513 Datasheet(PDF) 2 Page - Sharp Corporation

Part # SM3513
Description  4-Bit Single-Chip Microcomputer(For Data Bank Use)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM3513 Datasheet(HTML) 2 Page - Sharp Corporation

  SM3513 Datasheet HTML 1Page - Sharp Corporation SM3513 Datasheet HTML 2Page - Sharp Corporation SM3513 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 2 -
SM3513
SYSTEM COMFIGURATION EXAMPLE
S1-S8
S9-S32
S67-S74
S1-S74
CE1-CE4
KI1-KI7
DIO1-DIO8
RW
CE
KI8 VCC TEST
RESET
CXI CXO
CCI CCO
BZ
H1-H32
EO2
Reference
voltage
VCC
Buzzer
SM3513
RESET
key
6V
SW
(HIGH END DATA BANK)
LCD
• CTRL
LCD SYNC
VREF
V4
V3
V2
V1
VH
VCC
φ
Expand
memory
16 M
−byte x 4
Key matrix
(MAX.112-key)
Infrared signal
for IR communication
Common signal
Segment signal
+
–



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com