Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMB1310 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CSMB1310
Description  Magnetic Buzzer (DC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CSMB1310 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CSMB1310 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Magnetic
Buzzer (DC)
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CSMB1307
CSMB1310
2400 300
±
2400 300
±
Resonant
Frequency
(Hz)
88 at 10cm
85 at 10cm
Min Sound
Output
(dBA)
CSMB1307EC24L
CSMB1307HC24L
4 ~ 7
8 ~ 15
5
12
30
30
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Continuous
Tone
Nature
-40 ~ +85
-20 ~ +70
Operating
Tempature
( C)
o
PPS
Housing
SMD
Terminal
2
PPS
SMD
2
Weight
(g)
PPS
SMD
2
PPS
SMD
2
PPS
SMD
2
2400 400
±
2300 300
±
2300 300
±
Resonant
Frequency
(Hz)
75 at 10cm
85 at 10cm
85 at 10cm
Min Sound
Output
(dBA)
CSMB1310AC24L
CSMB1310EC23L
CSMB1310HC23L
1.3 ~ 4
4 ~ 7
8 ~ 15
1.5
5
12
20
30
30
Canopus Part no.
Operating
Voltage
(VDC)
Rated
Voltage
(VDC)
Max Rated
Current
(mA)
Continuous
Continuous
Continuous
Tone
Nature
-20 ~ +70
-20 ~ +85
-20 ~ +70
Operating
Tempature
( C)
o
Housing Terminal Weight
(g)


Similar Part No. - CSMB1310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSMBP20G-11R027 VISHAY-CSMBP20G-11R027 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
CSMBP20G-11RSK VISHAY-CSMBP20G-11RSK Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
CSMBP20G-11RSK030 VISHAY-CSMBP20G-11RSK030 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
CSMBP20G-11RSK035 VISHAY-CSMBP20G-11RSK035 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
CSMBP20G-11RSK3 VISHAY-CSMBP20G-11RSK3 Datasheet
216Kb / 5P
Rack and Panel Connectors Subminiature Rectangular
15-Feb-07
More results

Similar Description - CSMB1310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
MAGNETIC BUZZER
logo
CUI INC
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
magnetic buzzer
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
magnetic buzzer
logo
Canopus Electronics (H....
CMB1005 CANOPUS-CMB1005 Datasheet
730Kb / 1P
Magnetic Buzzer (DC)
CMB1207-X CANOPUS-CMB1207-X Datasheet
781Kb / 1P
Magnetic Buzzer (DC)
CMB2814 CANOPUS-CMB2814 Datasheet
866Kb / 1P
Magnetic Buzzer (DC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com