Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMT0803-SS Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CSMT0803-SS
Description  SMD Magnetic Transducer (AC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CSMT0803-SS Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CSMT0803-SS Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Magnetic
Transducer (AC)
CSMT0804-S
CMT0904-X
CSMT0803-SS
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CSMT0904
CSMT0803D2670LS
CSMT0803D2731LS
CSMT0803D3100LS
CSMT0803E2350LS
CSMT0803E2730LS
2 ~ 5
2 ~ 5
2 ~ 5
3 ~ 7
3 ~ 7
3.6
3.6
3.6
5
5
90
90
90
70
70
16
2.4
±
16
2.4
±
16
2.4
±
30
3
±
30
3
±
88 at 10cm
88 at 10cm
88 at 10cm
87 at 10cm
87 at 10cm
2670
2731
3100
2350
2730
-30 ~ +70
-30 ~ +70
-30 ~ +70
-30 ~ +70
-30 ~ +70
LCP
LCP
LCP
LCP
LCP
0.39
0.39
0.39
0.6
0.6
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
Max Rated
Current
(mA)
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
CSMT0804C2350LS
CSMT0804C2730LS
CSMT0804E2350LS
CSMT0804E2730LS
3 ~ 4.5
3 ~ 4.5
3 ~ 7
3 ~ 7
3
3
5
5
80
80
90
70
17
3
±
17
3
±
30
3
±
30
3
±
85 at 10cm
85 at 10cm
87 at 10cm
87 at 10cm
2350
2730
2350
2730
-30 ~ +70
-30 ~ +70
-30 ~ +70
-30 ~ +70
LCP
LCP
LCP
LCP
0.6
0.6
0.6
0.6
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
Max Rated
Current
(mA)
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
CSMT0904D2670L 2.5 ~ 4.5
3.6
100
16
3
±
85 at 10cm
2670
-30 ~ +70
LCP
1
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
Max Rated
Current
(mA)
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)


Similar Part No. - CSMT0803-SS

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CSMT0803-S CANOPUS-CSMT0803-S Datasheet
946Kb / 1P
SMD Magnetic Transducer (AC)
More results

Similar Description - CSMT0803-SS

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMT1204 CANOPUS-CMT1204 Datasheet
873Kb / 1P
Magnetic Transducer (AC)
CMT1209 CANOPUS-CMT1209 Datasheet
832Kb / 1P
Magnetic Transducer (AC)
CMT2512 CANOPUS-CMT2512 Datasheet
413Kb / 1P
Magnetic Transducer (AC)
CSMT0502 CANOPUS-CSMT0502 Datasheet
800Kb / 1P
SMD Magnetic Transducer (AC)
CSMT0802-S CANOPUS-CSMT0802-S Datasheet
946Kb / 1P
SMD Magnetic Transducer (AC)
CSMT0904-S CANOPUS-CSMT0904-S Datasheet
956Kb / 1P
SMD Magnetic Transducer (AC)
CSMT1002-X CANOPUS-CSMT1002-X Datasheet
1Mb / 1P
SMD Magnetic Transducer (AC)
CSMT1003-X CANOPUS-CSMT1003-X Datasheet
808Kb / 1P
SMD Magnetic Transducer (AC)
CSMT1310 CANOPUS-CSMT1310 Datasheet
658Kb / 1P
SMD Magnetic Transducer (AC)
CMT1206-X CANOPUS-CMT1206-X Datasheet
871Kb / 1P
Magnetic Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com