Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMT0803-O Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CSMT0803-O
Description  SMD Magnetic Transducer (AC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CSMT0803-O Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CSMT0803-O Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Magnetic
Transducer (AC)
CSMT0803-O
CMT0904-X
CSMT0802-S
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CSMT0803-S
CSMT0802D2670LS
CSMT0802D2731LS
2 ~ 5
2 ~ 5
3.6
3.6
90
90
16
2.4
±
16
2.4
±
88 at 10cm
88 at 10cm
2670
2731
-20 ~ +70
-20 ~ +70
LCP
LCP
0.37
0.37
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
Max Rated
Current
(mA)
Coil
Resistance
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
Max Rated
Current
(mA)
Coil
Resistance
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
CSMT0803D2500L
2 ~ 5
3.6
90
16
2.4
±
88 at 10cm
2500
-20 ~ +70
LCP
0.4
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
Max Rated
Current
(mA)
Coil
Resistance
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
CSMT0803A2350LS
CSMT0803A2730LS
CSMT0803C2350LS
CSMT0803C2730LS
1.2 ~ 1.7
1.2 ~ 1.7
3 ~ 4.5
3 ~ 4.5
1.5
1.5
3
3
80
80
80
80
5.5
2
±
5.5
2
±
17
3
±
17
3
±
80 at 10cm
80 at 10cm
85 at 10cm
85 at 10cm
2350
2730
2350
2730
-20 ~ +60
-30 ~ +70
-30 ~ +70
-30 ~ +70
LCP
LCP
LCP
LCP
0.6
0.6
0.6
0.6


Similar Part No. - CSMT0803-O

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CSMT0803-SS CANOPUS-CSMT0803-SS Datasheet
1Mb / 1P
SMD Magnetic Transducer (AC)
More results

Similar Description - CSMT0803-O

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMT1204 CANOPUS-CMT1204 Datasheet
873Kb / 1P
Magnetic Transducer (AC)
CMT1209 CANOPUS-CMT1209 Datasheet
832Kb / 1P
Magnetic Transducer (AC)
CMT2512 CANOPUS-CMT2512 Datasheet
413Kb / 1P
Magnetic Transducer (AC)
CSMT0502 CANOPUS-CSMT0502 Datasheet
800Kb / 1P
SMD Magnetic Transducer (AC)
CSMT0803-SS CANOPUS-CSMT0803-SS Datasheet
1Mb / 1P
SMD Magnetic Transducer (AC)
CSMT0904-S CANOPUS-CSMT0904-S Datasheet
956Kb / 1P
SMD Magnetic Transducer (AC)
CSMT1002-X CANOPUS-CSMT1002-X Datasheet
1Mb / 1P
SMD Magnetic Transducer (AC)
CSMT1003-X CANOPUS-CSMT1003-X Datasheet
808Kb / 1P
SMD Magnetic Transducer (AC)
CSMT1310 CANOPUS-CSMT1310 Datasheet
658Kb / 1P
SMD Magnetic Transducer (AC)
CMT1206-X CANOPUS-CMT1206-X Datasheet
871Kb / 1P
Magnetic Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com