Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSMT1307 Datasheet(PDF) 1 Page - Canopus Electronics (H.K.) Ltd.

Part # CSMT1307
Description  SMD Magnetic Transducer (AC)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANOPUS [Canopus Electronics (H.K.) Ltd.]
Direct Link  http://www.canopus.com.hk
Logo CANOPUS - Canopus Electronics (H.K.) Ltd.

CSMT1307 Datasheet(HTML) 1 Page - Canopus Electronics (H.K.) Ltd.

  CSMT1307 Datasheet HTML 1Page - Canopus Electronics (H.K.) Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Magnetic
Transducer (AC)
CSMT1206
CMT0904-X
CSMT1003-X
Your Efficient Supplier
www.canopus.com.hk
TEL.: (852) 2806 2812
Fax: (852) 2652 2216
CSMT1307
CSMT1003D2670LX
CSMT1003D2731LX
CSMT1003D3100LX
2 ~ 5
2 ~ 5
2 ~ 5
3.6
3.6
3.6
80
80
80
16
2.4
±
16
2.4
±
16
2.4
±
90 at 10cm
90 at 10cm
90 at 10cm
2670
2731
3100
-30 ~ +70
-30 ~ +70
-30 ~ +70
LCP
LCP
LCP
0.5
0.5
0.5
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
Max Rated
Current
(mA)
Coil
Resistance
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
1.5
15
7.5
±
PPS
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
Max Rated
Current
(mA)
Coil
Resistance
Min Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tempature
( C)
o
Housing Weight
(g)
CSMT1206A2048L
30
75 at 10cm
2048
-20 ~ +70
2
1 ~ 2
Canopus Part no.
Operating
Voltage
(V)
Rated
Voltage
(V)
M ax Rated
Current
(m A)
Coil
Resistance
M in Sound
Output
(dBA)
Resonant
Frequency
(Hz)
Operating
Tem pature
( C)
o
Housing Weight
(g)
CSM T1307C3000L
CSM T1307E2048L
CSM T1307H2048L
CSM T1307E2400L
CSM T1307H2400L
2 ~ 4
4 ~ 8
8 ~ 16
3 ~ 8
8 ~ 16
3
5
12
5
12
70
40
45
40
45
16
4.5
±
47
5
±
140
14
±
47
5
±
140
14
±
87 at 10cm
87 at 10cm
87 at 10cm
87 at 10cm
87 at 10cm
3000
2048
2048
2400
2400
-30 ~ +70
-30 ~ +70
-30 ~ +70
-30 ~ +70
-30 ~ +70
PPS
PPS
PPS
PPS
PPS
2
2
2
2
2


Similar Part No. - CSMT1307

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CSMT1310 CANOPUS-CSMT1310 Datasheet
658Kb / 1P
SMD Magnetic Transducer (AC)
CSMT1310A2400L CANOPUS-CSMT1310A2400L Datasheet
658Kb / 1P
SMD Magnetic Transducer (AC)
CSMT1310E2400L CANOPUS-CSMT1310E2400L Datasheet
658Kb / 1P
SMD Magnetic Transducer (AC)
CSMT1310H2400L CANOPUS-CSMT1310H2400L Datasheet
658Kb / 1P
SMD Magnetic Transducer (AC)
More results

Similar Description - CSMT1307

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMT1204 CANOPUS-CMT1204 Datasheet
873Kb / 1P
Magnetic Transducer (AC)
CMT1209 CANOPUS-CMT1209 Datasheet
832Kb / 1P
Magnetic Transducer (AC)
CMT2512 CANOPUS-CMT2512 Datasheet
413Kb / 1P
Magnetic Transducer (AC)
CSMT0502 CANOPUS-CSMT0502 Datasheet
800Kb / 1P
SMD Magnetic Transducer (AC)
CSMT0802-S CANOPUS-CSMT0802-S Datasheet
946Kb / 1P
SMD Magnetic Transducer (AC)
CSMT0803-SS CANOPUS-CSMT0803-SS Datasheet
1Mb / 1P
SMD Magnetic Transducer (AC)
CSMT0904-S CANOPUS-CSMT0904-S Datasheet
956Kb / 1P
SMD Magnetic Transducer (AC)
CSMT1002-X CANOPUS-CSMT1002-X Datasheet
1Mb / 1P
SMD Magnetic Transducer (AC)
CSMT1310 CANOPUS-CSMT1310 Datasheet
658Kb / 1P
SMD Magnetic Transducer (AC)
CMT1206-X CANOPUS-CMT1206-X Datasheet
871Kb / 1P
Magnetic Transducer (AC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com