Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175MS8E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 175MS8E
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

175MS8E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  175MS8E Datasheet HTML 1Page - Hittite Microwave Corporation 175MS8E Datasheet HTML 2Page - Hittite Microwave Corporation 175MS8E Datasheet HTML 3Page - Hittite Microwave Corporation 175MS8E Datasheet HTML 4Page - Hittite Microwave Corporation 175MS8E Datasheet HTML 5Page - Hittite Microwave Corporation 175MS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9
9 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs.
Temperature @ LO = +13 dBm
Input IP2 vs.
Temperature @ LO = +13 dBm
Input IP3 vs. LO Drive
Input IP2 vs. LO Drive
MxN Spurious Outputs
Harmonics of LO
RF Frequency = 2.3 GHz @ -10 dBm
LO Frequency = 2.4 GHz @ 13 dBm
nLO
mRF
0
1234
0
xx
1
12
12
37
140
27
39
38
274
53
56
60
67
378
>105
73
72
79
4
>105
>105
>105
>105
>105
All values in dBc below IF power level.
LO
Freq.
(GHz)
nLO Spur at RF Port
1234
1.8
37
32
63
53
2.2
35
30
37
63
2.6
32
28
33
55
330
29
53
52
3.1
29
30
56
51
3.6
29
39
52
53
4.2
27
46
48
61
LO = +13 dBm
Values in dBc below input LO level measured at RF Port.
HMC175MS8 / 175MS8E
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.7 - 4.5 GHz
v02.0705
10
12
14
16
18
20
22
24
1.8
2.2
2.6
3
3.4
3.8
4.2
+11 dBm
+13 dBm
+15 dBm
LO FREQUENCY (GHz)
40
45
50
55
60
65
1.8
2.2
2.6
3
3.4
3.8
4.2
+25C
-40C
+85C
LO FREQUENCY (GHz)
35
40
45
50
55
60
65
70
1.8
2.2
2.6
3
3.4
3.8
4.2
+11 dBm
+13 dBm
+15 dBm
LO FREQUENCY (GHz)
16
18
20
22
24
1.8
2.2
2.6
3
3.4
3.8
4.2
+25C
-40C
+85C
LO FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com