Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB1002S Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # PB1002S
Description  Silicon-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PB1002S Datasheet(HTML) 2 Page - Diotec Semiconductor

  PB1002S Datasheet HTML 1Page - Diotec Semiconductor PB1002S Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB1000 ... PB1010, PB1000S ... PB1010S
Characteristics
Kennwerte
Max. current with cooling fin 300 cm2
Dauergrenzstrom mit Kühlblech 300 cm2
TA = 50°C
R-load
C-load
IFAV
10.0 A
8.0 A
Forward voltage
Durchlass-Spannung
Tj = 25°C
IF = 5 A
VF
< 1.2 V 1)
Leakage current
Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 10 µA
Isolation voltage terminals to case
Isolationsspannung Anschlüsse zum Gehäuse
VISO
> 2500 V
Thermal Resistance Junction – Case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 3.3 K/W
Admissible torque for mounting
Zulässiges Anzugsdrehmoment
M 4
9 ± 10% lb.in
1 ± 10% Nm
1
Per diode – Pro Diode
2
http://www.diotec.com/
© Diotec Semiconductor AG
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
1
10
10
2
-1
-2
I
F
[A]
0.4
0.8
1.0
1.2 1.4
1.8
[V]
V
F
T = 25°C
j
T = 125°C
j
150a-(5a-1.2v)
Rated forward current vs. ambient temperature
Zul. Richtstrom in Abh. von der Umgebungstemp.
150
100
50
0
[°C]
T
A
120
100
80
60
40
20
0
[%]
I
FAV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com