Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2D Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # S2D
Description  Surface Mount Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S2D Datasheet(HTML) 2 Page - Diotec Semiconductor

  S2D Datasheet HTML 1Page - Diotec Semiconductor S2D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S2A ... S2Y
Characteristics
Kennwerte
Forward voltage – Durchlass-Spannung
Tj = 25°C
IF = 2 A
VF
< 1.15 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
IR
IR
< 5 µA
< 100 µA
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 50 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht − Anschluss
RthT
< 15 K/W
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
50a-(1a-1.1v)
Rated forward current vs. temp. of the terminals
in Abh. v. d. Temp. der Terminals
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
T
150
100
50
0
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
1
2
[A]
î
F
1
10
10
[n]
10
2
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com