Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2Y Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # S2Y
Description  Surface Mount Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

S2Y Datasheet(HTML) 1 Page - Diotec Semiconductor

  S2Y Datasheet HTML 1Page - Diotec Semiconductor S2Y Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S2A ... S2Y
S2A ... S2Y
Surface Mount Silicon Rectifier Diodes
Silizium-Gleichrichterdioden für die Oberflächenmontage
Version 2010-12-06
Dimensions - Maße [mm]
Nominal Current – Nennstrom
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...2000 V
Plastic case
Kunststoffgehäuse
~ SMB
~ DO-214AA
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
S2A
50
50
S2B
100
100
S2D
200
200
S2G
400
400
S2J
600
600
S2K
800
800
S2M
1000
1000
S2T
1300
1300
S2W
1600
1600
S2X
1800
1800
S2Y
2000
2000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
2 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
50/55 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
12 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
Type
Typ
5
± 0.5
5.4± 0.5
0.15


Similar Part No. - S2Y

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S2Y DIOTEC-S2Y Datasheet
109Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
S2Y SEMIKRON-S2Y Datasheet
147Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
S2Y DIOTEC-S2Y Datasheet
150Kb / 2P
Standard Recovery SMD Rectifier Diodes
S2Y DIOTEC-S2Y Datasheet
139Kb / 2P
Standard Recovery SMD Rectifier Diodes
logo
Shenzhen Luguang Electr...
S2Y LUGUANG-S2Y Datasheet
1Mb / 2P
Surface Mount Silicon Rectifier Diodes
More results

Similar Description - S2Y

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
S3A DIOTEC-S3A_13 Datasheet
106Kb / 2P
Surface Mount Silicon Rectifier Diodes
S5A DIOTEC-S5A_13 Datasheet
113Kb / 2P
Surface Mount Silicon Rectifier Diodes
SL1A DIOTEC-SL1A_13 Datasheet
108Kb / 2P
Surface Mount Silicon Rectifier Diodes
SM4001 DIOTEC-SM4001_13 Datasheet
112Kb / 2P
Surface Mount Silicon Rectifier Diodes
logo
SUNMATE electronic Co.,...
S1A SUNMATE-S1A Datasheet
383Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
S1AB SUNMATE-S1AB Datasheet
330Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
S2AB SUNMATE-S2AB Datasheet
328Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
SA2A SUNMATE-SA2A Datasheet
323Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
SOD4001 SUNMATE-SOD4001 Datasheet
322Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
M1-M7 SUNMATE-M1-M7 Datasheet
490Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com