Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1321 Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1321
Description  Flexible Nonvolatile Controller with Lithium Battery Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1321 Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1321 Datasheet HTML 4Page - Dallas Semiconductor DS1321 Datasheet HTML 5Page - Dallas Semiconductor DS1321 Datasheet HTML 6Page - Dallas Semiconductor DS1321 Datasheet HTML 7Page - Dallas Semiconductor DS1321 Datasheet HTML 8Page - Dallas Semiconductor DS1321 Datasheet HTML 9Page - Dallas Semiconductor DS1321 Datasheet HTML 10Page - Dallas Semiconductor DS1321 Datasheet HTML 11Page - Dallas Semiconductor DS1321 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DS1321
11 of 12
NOTES:
1. All voltages referenced to ground.
2. Measured with outputs open circuited.
3. ICCO1 is the maximum average load which the DS1321 can supply to attached memories at VCCO
³
VCCI -0.2V.
4. ICCO2 is the maximum average load which the DS1321 can supply to attached memories at VCCO
³
VCCI -0.3V.
5. All inputs within 0.3V of ground or VCCI.
6. ICCO3 is the maximum average load current which the DS1321 can supply to the memories in the
battery backup mode at VCCO
³ VBAT -0.2V.
7. Measured with a load as shown in Figure 1.
8. Chip Enable Outputs CEO1 - CEO4 can only sustain leakage current in the battery backup mode.
9. CEO1 through CEO4 will be held high for a time equal to tREC after VCCI crosses VCCTP on power-up.
10. BW and RST are open drain outputs and, as such, cannot source current. External pullup resistors
should be connected to these pins for proper operation. Both BW and RST can sink 10 mA.
11. tCE maximum must be met to ensure data integrity on power down.
12. In battery backup mode, inputs must never be below ground or above VCCO.
13. The DS1321 is recognized by Underwriters Laboratory (U.L.®) under file E99151.
DC TEST CONDITIONS
Outputs Open
All voltages are referenced to ground
AC TEST CONDITIONS
Output Load: See below
Input Pulse Levels: 0 - 3.0V
Timing Measurement Reference Levels
Input: 1.5V
Output: 1.5V
Input pulse Rise and Fall Times: 5 ns
OUTPUT LOAD Figure 3
*INCLUDING SCOPE AND JIG CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com